Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-515-WM36-4PS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-515-WM36-4PS
Description  Wall Mount Filtered Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-515-WM36-4PS Datasheet(HTML) 1 Page - Glenair, Inc.

  240-515-WM36-4PS Datasheet HTML 1Page - Glenair, Inc. 240-515-WM36-4PS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 Glenair, Inc.
www.glenair.com
F-8
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Printed in U.S.A.
CAGE Codes 06324
E-Mail: sales@glenair.com
F
240-515-W
Wall Mount Filtered Receptacle Connector
(5015, MS3452 Type)
APPLICATION NOTES
1. Materials/Finishes:
Shells - See Table II
Insulators - High grade thermoplastic/N.A.
Seals - Fluorosilicone/N.A.
Contacts - Copper Alloy/Gold Plated
2. EMI Circular Filter Connector designed to meet MIL-DTL-5015
3. Assembly to be indentified with date code, cage code, Glenair P/N,
and serial number
4. Electrical Performance:
A - Capacitance - See Table III
B - I.R. 5000 Megohms min at 200 VDC
C - D.W.V. 500 VDC with 100 micro amps max leakage
5. Shell style WT shown
6. Metric dimensions (mm) are indicated in parentheses
4x Ø D
See
Note 3
M
.005
A
B
C
D
E
F
B Sq
2.200 (55.9)
Max
See Mil-C-5015
for Insert
Arrangement
C
A Thread
See Note 5
Master
Keyway
Ø G
F
E
W/WT - Wall Mount
Shell Material/Finish
(See Table II)
Filter Connector
Product Code
MIL-C-5015 Type
Filter Type
(C-Circuit)
Capacitance
(See Table III)
Termination Type
PS - Pin, Solder Cup
SS - Socket, Solder Cup
Alternative Key Position
Per MIL-C-5015
Omit - Normal
240 - 515 - W
P
36-4
SS C D
X
Insert Arrangement
Dash Number
20-3, 20-19, 22-9, 36-4
Contact factory for update
Shell Style
W - Wall Mount
WT - Wall Mount with
Accessory Thread


Similar Part No. - 240-515-WM36-4PS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-515-JM36-4PS GLENAIR-240-515-JM36-4PS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
240-515-JM36-4SS GLENAIR-240-515-JM36-4SS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
240-515-JNF36-4PS GLENAIR-240-515-JNF36-4PS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
240-515-JNF36-4SS GLENAIR-240-515-JNF36-4SS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
240-515-JP36-4PS GLENAIR-240-515-JP36-4PS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
More results

Similar Description - 240-515-WM36-4PS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-ITS-WM20-3PS GLENAIR-240-ITS-WM20-3PS Datasheet
480Kb / 2P
   Wall Mount Filtered Receptacle Connector
247-039PA GLENAIR-247-039PA Datasheet
275Kb / 2P
   Filtered Wall Mount Receptacle Connector
240-ITS-JM20-3PS GLENAIR-240-ITS-JM20-3PS Datasheet
481Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
240-515-JM36-4PS GLENAIR-240-515-JM36-4PS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
180-040 GLENAIR-180-040 Datasheet
259Kb / 3P
   Wall Mount Receptacle Connector
240-383WM15-35P GLENAIR-240-383WM15-35P Datasheet
411Kb / 2P
   Filter Connector Wall Mount Receptacle
240-384WM10-35P GLENAIR-240-384WM10-35P Datasheet
357Kb / 2P
   Filter Connector Wall Mount Receptacle
257-606 GLENAIR-257-606 Datasheet
691Kb / 6P
   Wall Mount Quadrax Receptacle Connector
233-105-00XM09 GLENAIR-233-105-00XM09 Datasheet
369Kb / 2P
   Wall Mount Environmental Receptacle Connector
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com