Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

233-104-07M25 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-104-07M25
Description  Jam Nut Mount Environmental Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-104-07M25 Datasheet(HTML) 1 Page - Glenair, Inc.

  233-104-07M25 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
E-12
E
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-TS-2
B
DIM
C DIM
MAX
D
DIA
E
DIM
F THREAD
CLASS 2A
9
.6250
.875(22.2) 1.090(27.7)
.698(17.7)
.322(8.2)
.6875-24 UNEF
11
.7500
1.000(25.4) 1.280(32.5)
.822(20.9)
.385(9.8)
.8125-20 UNEF
13
.8750
1.250(31.8) 1.400(35.6) 1.010(27.6)
.479(12.2)
1.000-20 UNEF
15
1.0000
1.375(34.9) 1.530(38.9) 1.135(28.8)
.541(13.7)
1.125-18 UNEF
17
1.1875
1.500(38.1) 1.660(42.2) 1.260(32.0)
.604(15.3)
1.250-18 UNEF
19
1.2500
1.625(41.3) 1.840(46.7) 1.385(35.2)
.635(16.1)
1.375-18 UNEF
21
1.3750
1.750(44.5) 1.970(50.5) 1.510(38.4)
.698(17.7)
1.500-18 UNEF
23
1.5000
1.875(47.6) 2.090(53.1) 1.635(41.5)
.760(19.3)
1.625-18 UNEF
25
1.6250
2.000(50.8) 2.210(56.1) 1.760(44.7)
.822(20.9)
1.750-18 UNS
APPLICATION NOTES
Assembly identified with Glenair name, part number and date code,
1.
space permitting.
For pin/pin and socket/socket, symetrical layouts only. Consult factory
2.
for available insert arrangements
Power to a given contact on one end will result in power to contact
3.
directly opposite regardless of identification letter
Material/finish:
4.
Shell, lockring, jam nut—Al alloy, see Table II
Contacts—Copper alloy/gold plate
Insulators—High grade rigid dielectric/N.A.
Bayonet Pins—CRES/passivate
Seals—Silicone/N.A.
233-104-07
Jam Nut Mount Environmental Bulkhead Feed-Thru
MIL-DTL-38999 Series III Type
Connector Series
233 - D38999 Series III Type
Contact Termination
P - Pin on Jam Nut Side
S - Socket on Jam Nut Side
Shell Size
09
11
13
15
17
19
21
23
25
233 - 104 - 07 M 11 - 35 P N - 01
Shell Style
07 - Jam Nut Mount
Connector Type
104 - Env. Bulkhead Feed-Thru
Alternate Key
Position
A, B, C, D, E
(N = Normal)
Panel Accomodation
01 - .0625″ (Min) .125″ (Max)
02 - .0625″ (Min) .250″ (Max)
03 - .0625″ (Min) .500″ (Max)
Panel
Accom.
Connector Material and Finish
M - Aluminum / Electroless Nickel
NC - Aluminum / Zinc-Cobalt
NF - Cad / O.D. Over Electroless Nickel (1000hr Salt Spray)
ZN - Aluminum Zinc-Nickel Olive Drab
MT - Aluminum / Ni-PTFE 1000 Hour GreyTM
AL - Aluminum / Pure Electrodeposited Aluminum
947-114
RECOMMENDED PANEL CUT-OUT
D DIA
E
BULKHEAD FEEDTHRU JAM NUT,
FOR MIL-C-38999, SERIES III
CONNECTOR, RECEPTACLE,
B
C
SEE MIL-C-38999 FOR
INSERT ARRANGEMENTS
.565
REF
A THREAD
F THREAD
G MAX. PANEL
J
H
.150
MAX
P = PIN ON JAM NUT SIDE
S = SOCKET ON JAM NUT SIDE
PP = PIN TO PIN 2 3
SS = SOCKET TO SOCKET 2 3
P
HOW TO ORDER:
EXAMPLE:
947
114 NF 21 35
B
PRODUCT SERIES
FINISH SYM, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT DASH NO
OMIT FOR NORMAL
ALTERNATE POSITION, MIL-C-38999,
BASIC NO
-
-
01
DASH NO, TABLE III
PANEL THICKNESS
Insert Arrangements per
MIL-DTL-38999 Series III
MIL-STD-1560
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560
D Dia
Recommended Panel Cut-Out
E
TABLE II:
DASH NUMBERS
Dash
No.
J
Max
H
Max
01
1.600 (40.6) 0.900 (22.9)
02
1.730 (43.9) 1.020 (25.9)
03
1.980 (50.3) 1.270 (32.3)
947-114
RECOMMENDED PANEL CUT-OUT
D DIA
E
BULKHEAD FEEDTHRU JAM NUT,
FOR MIL-C-38999, SERIES III
CONNECTOR, RECEPTACLE,
B
C
SEE MIL-C-38999 FOR
INSERT ARRANGEMENTS
.565
REF
A THREAD
F THREAD
G MAX. PANEL
J
H
.150
MAX
P = PIN ON JAM NUT SIDE
S = SOCKET ON JAM NUT SIDE
PP = PIN TO PIN 2 3
SS = SOCKET TO SOCKET 2 3
P
HOW TO ORDER:
EXAMPLE:
947
114 NF 21 35
B
PRODUCT SERIES
FINISH SYM, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT DASH NO
OMIT FOR NORMAL
ALTERNATE POSITION, MIL-C-38999,
BASIC NO
-
-
01
DASH NO, TABLE III
PANEL THICKNESS
.210
MAX


Similar Part No. - 233-104-07M25

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-104-07 GLENAIR-233-104-07 Datasheet
247Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
More results

Similar Description - 233-104-07M25

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-104-07 GLENAIR-233-104-07 Datasheet
247Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
231-104-09M09 GLENAIR-231-104-09M09 Datasheet
429Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
231-104-07 GLENAIR-231-104-07 Datasheet
211Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
231-104-09 GLENAIR-231-104-09 Datasheet
440Kb / 1P
   Jam Nut Mount Environmental Plug/Receptacle Bulkhead Feed-Thru
947-045 GLENAIR-947-045 Datasheet
370Kb / 1P
   Bulkhead Feed-Thru, Jam Nut Mount
947-112B9B GLENAIR-947-112B9B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01 Datasheet
430Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com