Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-031-1-25SP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-031-1-25SP
Description  Micro-D Filter Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-031-1-25SP Datasheet(HTML) 1 Page - Glenair, Inc.

  240-031-1-25SP Datasheet HTML 1Page - Glenair, Inc. 240-031-1-25SP Datasheet HTML 2Page - Glenair, Inc. 240-031-1-25SP Datasheet HTML 3Page - Glenair, Inc. 240-031-1-25SP Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
D
240-031
Micro-D Filter Connectors
Vertical Mount Printed Circuit Board
Printed Circuit Board Micro-D Filter Connectors. These
vertical mount PCB connectors are ideal for flexible
circuit or motherboard applications.
Integral Board Standoffs and Pre-Tinned Tails—These
connectors are solder dipped (63/37 SnPb) and feature
a full complement of mounting hardware options.
.096/.088 (2.43/2.23) DIA.
D
A
B
C
E
Ø.018 ± .002
(0.46 ± 0.05)
F
TAIL LENGTH ± .015
(± 0.38)
.025 (0.64)
PI FILTER .930 (23.62) MAX.
C FILTER .530 (13.46) MAX.
Shell Finish
(See Table I)
Filter Connector
Product Code
Micro-D Vertical Mount PCB
Basic Part Number
Number of Contacts
9, 15, 21, 25, 31, 37
Filter Class
A, B, C, D, E, F or G
(See Table II)
Contact Type
PS - Pin/Socket
Filter Type
P - Pi Circuit
C - C Circuit
240 - 031 - 2 - 25 PS C D 1 PN
PC Tail Length (Inches)
1 - .110 (2.79 mm)
2 - .250 (6.35 mm)
Hardware Option
NN - No Jackpost, No Threaded Insert
PN - Extended Jackpost for .062" (1.6) PCB,
No Threaded Insert
RN - Extended Jackpost for .196" (5.0) PCB,
No Threaded Insert
NU - Threaded Insert Only, No Jackposts
PU - Short Jackpost and Threaded Insert
Rear Panel Jackposts with Threaded Insert:
R6U - 0.125" (3.2) Panel
R5U - 0.094" (2.4) Panel
R4U - 0.062" (1.6) Panel
R3U - 0.047" (1.2) Panel
R2U - 0.031" (0.8) Panel
Jack screw Options:
M - Hex Head Jackscrews
S - Slot Head Jackscrews


Similar Part No. - 240-031-1-25SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
240-031115PC GLENAIR-240-031115PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-031115PP GLENAIR-240-031115PP Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-031115SC GLENAIR-240-031115SC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-031115SP GLENAIR-240-031115SP Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
More results

Similar Description - 240-031-1-25SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
240-030-1-9P GLENAIR-240-030-1-9P Datasheet
156Kb / 2P
   Micro-D Filter Connectors Solder Cup
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com