Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65913M Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK65913M
Description  SMALL EL LAMP DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65913M Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK65913M Datasheet HTML 6Page - TOKO, Inc TK65913M Datasheet HTML 7Page - TOKO, Inc TK65913M Datasheet HTML 8Page - TOKO, Inc TK65913M Datasheet HTML 9Page - TOKO, Inc TK65913M Datasheet HTML 10Page - TOKO, Inc TK65913M Datasheet HTML 11Page - TOKO, Inc TK65913M Datasheet HTML 12Page - TOKO, Inc TK65913M Datasheet HTML 13Page - TOKO, Inc TK65913M Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Page 10
May 2000 TOKO, Inc.
TK6591x
With properly selected components, the TK6591x will
nominally support peak output voltages to 90 V
(180 V
PK-PK). Should the EL Panel become disconnected
from the driver outputs, the removal of the load can cause
the output voltage to increase beyond 90 V. To protect
against this fault condition, a clamp circuit exists on the
high voltage output which nominally limits the output
voltage to a typical value of 105 V (210 V
PK-PK).
THEORY OF OPERATION (CONT.)
DETAILS CONCERNING THE
H-BRIDGE SECTION OPERATION
In an effort to extend EL lamp life, reduce EMI emissions,
and reduce the power draw of the IC, current sources to
control the charging and discharging of the EL lamp panel
and special sequencing control of the H-bridge FETs were
added to the H-bridge of TK659xx.
Current sources were added between ground and the
sources of the low-side N-channel FETs (Figure 2).
Therefore, the current into and out of the EL panel is
controlled and limited.
The FETs are turned off and on in the sequence shown in
Figure 3. As is noted in Figure 3, there is a period of time
when both of lower N-channel FETs are turned on and both
of upper P-channel FETs are turned off. This provides a
period of time to discharge the EL panel capacitance
completely; before starting to recharge it again with current
from HV voltage rail. Therefore, this special sequencing
method prevents taking current off the HV voltage rail
during the discharge of EL panel capacitance and operates
more efficiently.
HV
HVP
HVP
UL
UR
EL Panel
LL
LR
Current Source 1
Current Source 2
EL-
EL+
FIGURE 2: H-BRIDGE SCHEMATIC
ON
ON
ON
ON
ON
UL
UR
LL
LR
VEL+
VEL =
VEL-
OFF
OFF
OFF
OFF
BOTH OFF
OFF
ON
OFF
ON
ON
BOTH ON
Discharging
EL Panel
Capacitance
VEL+ VEL-
-
OFF
OFF
FIGURE 3: H-BRIDGE SEQUENCING WAVEFORMS


Similar Part No. - TK65913M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65920M TOKO-TK65920M Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65920MTL TOKO-TK65920MTL Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65920MTL/B0 TOKO-TK65920MTL/B0 Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65921M TOKO-TK65921M Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65921MTL TOKO-TK65921MTL Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
More results

Similar Description - TK65913M

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
   EL LAMP DRIVER CONTROLLER
logo
TOKO, Inc
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
   LARGE EL LAMP DRIVER
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
   Dual EL Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
   Dual EL Lamp Driver
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
   EL LAMP DRIVER IC
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com