Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65218MTL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK65218MTL
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65218MTL Datasheet(HTML) 2 Page - TOKO, Inc

  TK65218MTL Datasheet HTML 1Page - TOKO, Inc TK65218MTL Datasheet HTML 2Page - TOKO, Inc TK65218MTL Datasheet HTML 3Page - TOKO, Inc TK65218MTL Datasheet HTML 4Page - TOKO, Inc TK65218MTL Datasheet HTML 5Page - TOKO, Inc TK65218MTL Datasheet HTML 6Page - TOKO, Inc TK65218MTL Datasheet HTML 7Page - TOKO, Inc TK65218MTL Datasheet HTML 8Page - TOKO, Inc TK65218MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADVANCED INFORMATION
Page 2
January 1999 TOKO, Inc.
TK652xx
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
N
I
e
g
a
t
l
o
V
y
l
p
p
u
S0
9
.
00
6
.
1V
f
C
S
O
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
l
a
n
r
e
t
n
IT
A
C
°
5
2
=2
73
86
9z
H
k
V
)
G
E
R
(
T
U
O
V
f
o
d
l
o
h
s
e
r
h
T
n
o
i
t
a
l
u
g
e
R
T
U
O
T
A
C
°
5
2
=%
3
-V
T
U
O
%
3
+V
∆V
)
D
A
O
L
(
T
U
O
V
f
o
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
G
E
R
(
T
U
O
V
N
I
,
V
3
.
1
=I
T
U
O
A
m
4
o
t
0
=0
0
5V
m
∆V
)
E
N
I
L
(
T
U
O
V
f
o
n
o
i
t
a
l
u
g
e
R
e
n
i
L
)
G
E
R
(
T
U
O
∆V
N
I
I
,
V
0
7
.
0
=
T
U
O
A
m
1
=
0
2
-0
0
2V
m
D
C
S
O
r
o
t
a
ll
i
c
s
O
f
o
o
i
t
a
R
y
t
u
D
e
m
i
t
-
n
OT
A
C
°
5
2
=4
48
44
5%
V
I
B
L
d
l
o
h
s
e
r
h
T
r
o
t
a
c
i
d
n
I
y
r
e
t
t
a
B
w
o
LT
A
I
,
C
°
5
2
=
T
U
O
A
m
1
=5
0
.
10
1
.
15
1
.
1V
Note 1: Derate at 0.8 mW/oC for operation above T
A = 25
oC ambient temperature, when heat conducting copper foil path is maximized on the printed
circuit board. When this is not possible, a derating factor of 1.6 mW/
°C must be used.
TK652xx ELECTRICAL CHARACTERISTICS
Over operating temperature range and supply voltage range, unless otherwise specified.
VIN
300 k
LBI
GND
VOUT
SW
IB
L
D
IOUT
VOUT
VIN
I(VIN)
I(VOUT)
300 k
C
LOI
GENERAL CIRCUIT
ABSOLUTE MAXIMUM RATINGS
All Pins Except SW and GND .................................... 6 V
SW Pin ....................................................................... 9 V
Power Dissipation (Note 1) ................................ 400 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -20 to +80
°C
Junction Temperature ........................................... 150
°C


Similar Part No. - TK65218MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65218MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com