Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65912M Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK65912M
Description  SMALL EL LAMP DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65912M Datasheet(HTML) 1 Page - TOKO, Inc

  TK65912M Datasheet HTML 1Page - TOKO, Inc TK65912M Datasheet HTML 2Page - TOKO, Inc TK65912M Datasheet HTML 3Page - TOKO, Inc TK65912M Datasheet HTML 4Page - TOKO, Inc TK65912M Datasheet HTML 5Page - TOKO, Inc TK65912M Datasheet HTML 6Page - TOKO, Inc TK65912M Datasheet HTML 7Page - TOKO, Inc TK65912M Datasheet HTML 8Page - TOKO, Inc TK65912M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
May 2000 TOKO, Inc.
Page 1
TK6591x
The oscillator circuits for the boost converter and lamp
driver are both internally generated in the TK6591x, without
the need for external components. The clock frequency of
the boost converter is laser-trimmed to ensure good initial
accuracy that is relatively insensitive to variations in
temperature and supply voltage. The clock frequency of
the lamp driver tracks the frequency of the boost converter
by a constant scaling factor.
Furthermore, the drive architecture of the TK6591x has
been designed to limit peak drive current delivered to the
lamp. This approach limits the slew rate of the voltage
across the lamp and has the potential to improve lamp life
and decrease RF interference.
The TK6591x is available in a miniature, 6 pin
SOT23L-6 surface mount package.
HV
VCC
EL+
IND
GND
HV BOOST
CONTROL
H
BRIDGE
OSCILLATOR
EL-
HV
VCC
IND
EL-
GND
EL+
BLOCK DIAGRAM
DESCRIPTION
The TK6591x Electroluminescent (EL) Lamp Driver has
been optimized for battery controlled systems where power
consumption and size are primary concerns. The miniature
device size (SOT23L-6), together with the miniature Toko
EL coils (D32FU, D31FU, D52FU), further helps system
designers reduce the space required to drive the small EL
panels.
The proprietary architecture (detailed in the Theory of
Operation section) of the TK6591x provides a constant
output power to the lamp, independent of variations in the
battery voltage. This architecture allows the output voltage
to remain relatively constant as battery voltages decay,
without the need for directly sensing the high voltage
output of the EL driver.
TK6591x
20P
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Lamp Frequency Code
TK6591 MTL
LAMP FREQUENCY CODE
TK65910
175 Hz
TK65911*
200 Hz
TK65912
225 Hz
TK65913*
250 Hz
TK65914
275 Hz
TK65915*
300 Hz
TK65916
325 Hz
TK65917*
350 Hz
TK65918
375 Hz
TK65919*
400 Hz
* Consult factory for availability
of other frequencies.
FEATURES
s High Ratio of Brightness / Input Power
s Constant Brightness Versus Input Supply Changes
s Optimized for 3.5 nf to 12.5 nf Panel Capacitance
s Panel Voltage Slew Rates Controlled for Life
Enhancement
s Panel Peak to Peak Voltage Independent of Input
Voltage and Temperature
s Panel Peak to Peak Frequency Independent of
Input Voltage and Temperature
s Miniature Package (SOT23L-6)
s Operates with Miniature Coil
s Minimum External Components
s Laser-Trimmed Fixed Frequency Operation
s PWM Control Method
s Adjustable Output Voltage
s Lower Noise (Audio and EMI)
s Split Power Supply Application
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s LCD Modules
s Wrist Watches
s Consumer Electronics
SMALL EL LAMP DRIVER


Similar Part No. - TK65912M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65920M TOKO-TK65920M Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65920MTL TOKO-TK65920MTL Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65920MTL/B0 TOKO-TK65920MTL/B0 Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65921M TOKO-TK65921M Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
TK65921MTL TOKO-TK65921MTL Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
More results

Similar Description - TK65912M

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
   EL LAMP DRIVER CONTROLLER
logo
TOKO, Inc
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
   LARGE EL LAMP DRIVER
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
   Dual EL Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
   Dual EL Lamp Driver
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
   EL LAMP DRIVER IC
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com