Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

233-105-05XW21 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-105-05XW21
Description  In-Line Environmental Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-105-05XW21 Datasheet(HTML) 1 Page - Glenair, Inc.

  233-105-05XW21 Datasheet HTML 1Page - Glenair, Inc. 233-105-05XW21 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-14
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
233-105-05
MIL-DTL-38999 Series III Type
In-Line Environmental Receptacle Connector
APPLICATION NOTES
1. Material/ Finishes:
Shells - See Table II
Insulator- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
2. Assembly to be identified with Glenair’s name, part
number and date code space permitting.
3. Insert arrangement in accordance with MIL-STD-1560.
4. Insert arrangement shown is for reference only.
5. Blue Color Band indicates rear release retention system.
6. For appropriate Glenair Terminus part numbers see
Glenair Drawing 181-001 and 181-002.
7. Metric Dimensions (mm) are indicated in parentheses.
Master Keyway
See Notes 3 and 4
See Note 2
1.240 (31.5)
Max
H
G
A Thread
S
.520 (13.2) Max
Fully Mated
Red Indicator Band
J Thread
Yellow Color Band
Blue Color Band (See Note 5)
o
Consult factory for available insert arrangements.
Basic Part Number
233-105 - D38999 Series III Type
Power and Signal Connector
Alternate Key
Position
A, B, C, D, or E
(
N for Normal)
Contact Type
(See Table I)
233-105 - 05 XM 21 - 11
S N
Shell Style
05 - In Line Receptacle
Finish Material
(See Table II)
Insert Arrangement
per MIL-STD-1560
and JSFD08
Shell Size
09
11
13
13L
15
15L
17
17L
19
19L
21
21L
23
23L
25
25C
25L
25Q


Similar Part No. - 233-105-05XW21

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-05 GLENAIR-233-105-05 Datasheet
187Kb / 2P
   In-Line Environmental Receptacle Connector
More results

Similar Description - 233-105-05XW21

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-05 GLENAIR-233-105-05 Datasheet
187Kb / 2P
   In-Line Environmental Receptacle Connector
IPT01J18-11SZC GLENAIR-IPT01J18-11SZC Datasheet
222Kb / 2P
   In-Line Receptacle Connector
IPT01W18-11SZC GLENAIR-IPT01W18-11SZC Datasheet
218Kb / 2P
   In-Line Receptacle Connector
IPT01A18-11SZC GLENAIR-IPT01A18-11SZC Datasheet
221Kb / 2P
   In-Line Receptacle Connector
IPT01A18-11SZCPH16 GLENAIR-IPT01A18-11SZCPH16 Datasheet
225Kb / 2P
   In-Line Receptacle Connector
IPT01E18-11SZCSR GLENAIR-IPT01E18-11SZCSR Datasheet
222Kb / 2P
   In-Line Receptacle Connector
IPT01G18-11SZC GLENAIR-IPT01G18-11SZC Datasheet
224Kb / 2P
   In-Line Receptacle Connector
IPT01A18-11SZCPHM11 GLENAIR-IPT01A18-11SZCPHM11 Datasheet
223Kb / 2P
   In-Line Receptacle Connector
IPT01MSE18-11SZ GLENAIR-IPT01MSE18-11SZ Datasheet
208Kb / 2P
   In-Line Receptacle Connector
227-152 GLENAIR-227-152 Datasheet
66Kb / 1P
   High-Pressure Environmental In-Line Gender Changer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com