Electronic Components Datasheet Search |
|
TK6592X Datasheet(PDF) 2 Page - TOKO, Inc |
|
TK6592X Datasheet(HTML) 2 Page - TOKO, Inc |
2 / 20 page Page 2 May 2000 TOKO, Inc. TK6592x Note 1: Power dissipation is 600 mW when mounted as recommended (200 mW In Free Air). Derate at 4.8 mW/ °C for operation above 25 °C. Note 2: Converter supply current is dependent upon the DC resistance of inductor L 1. Lower DC resistances will result in lower supply currents. Note 3: When using test circuit below. Gen. Note: Refer to “INDUCTOR VALUE SELECTION” and “INDUCTOR TYPE SELECTION” of Design Considerations Section for choosing inductor. TK6592x ELECTRICAL CHARACTERISTICS V CC = 3.6 V, TA = Tj = 25 °C, unless otherwise specified. ABSOLUTE MAXIMUM RATINGS V CC Pin .................................................................... 6.5 V All Pins Except V CC and GND ............................... VCLAMP Power Dissipation (Note 1) ................................ 600 mW Storage Temperature Range ................... -55 to +150 °C Operating Temperature Range ................... -30 to +80 °C Junction Temperature ........................................... 150 °C SYMBOL PARAMETER TEST CONDITIONS MIN TYP MAX UNITS V CC Input Supply Range 2.7 3.6 6 V I Q Quiescent Current Current into pin 6 200 µA I PEAK Peak Current Threshold 44 52 60 mA F LAMP Lamp Frequency See Table 1 Hz F BOOST Boost Frequency See Table 2 kHz V CLAMP Boost Clamp Voltage Force 100 µA into HV pin 90 105 120 V D (MAX) Maximum Duty Cycle 88 92 96 % V OUT Peak to Peak Lamp Voltage (Note 3) 125 140 155 V I CONV Converter Supply Current (Notes 2, 3) See Table 3 mA TEST CIRCUIT CEL 12 nF VCC C1 47 nF D1 EL + HV GND IND EL - VCC L1 680 µH ICONV Note: L 1 = Toko Low Profile D52FU Series: 875FU-681 M D 1 = DIODES INC. DL4148 C 1 = AVX 12061C473KAT2A |
Similar Part No. - TK6592X |
|
Similar Description - TK6592X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |