Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65218M Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK65218M
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65218M Datasheet(HTML) 1 Page - TOKO, Inc

  TK65218M Datasheet HTML 1Page - TOKO, Inc TK65218M Datasheet HTML 2Page - TOKO, Inc TK65218M Datasheet HTML 3Page - TOKO, Inc TK65218M Datasheet HTML 4Page - TOKO, Inc TK65218M Datasheet HTML 5Page - TOKO, Inc TK65218M Datasheet HTML 6Page - TOKO, Inc TK65218M Datasheet HTML 7Page - TOKO, Inc TK65218M Datasheet HTML 8Page - TOKO, Inc TK65218M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADVANCED INFORMATION
January 1999 TOKO, Inc.
Page 1
TK652xx
VIN
GND
SW
LOI
VOUT
CONTROL
CIRCUIT
OSCILLATOR
Vref
UVLO
LBI
BLOCK DIAGRAM
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK652xxM
VOLTAGE CODE
18 = 1.8 V
21 = 2.1 V
24 = 2.4 V
Voltage Code
DESCRIPTION
The TK652xx low power step-up DC-DC converter is
designed for portable battery powered systems, capable
of operating from a single battery cell down to 0.9 V. The
TK652xx provides the power switch and the control circuit
for a boost converter. The converter takes a DC input and
boosts it up to a regulated 1.8, 2.1, or 2.4 V.
The output voltage is laser-trimmed. Two internal detectors
monitor the output voltage and battery voltage. The Low
Output Indicator (LOI) generates an active low when the
battery voltage falls below 90 % of the output voltage. The
Low Battery Indicator (LBI) generates an active low when
the battery voltage falls below 1.1 V. These outputs can be
used to notify the microprocessor or power monitor circuit
of a fault condition. An internal Undervoltage Lockout
(UVLO) circuit is utilized to prevent the inductor switch
from remaining in the “on” mode when the battery voltage
is too low to permit normal operation. Pulse Burst
Modulation (PBM) is used to regulate the voltage at the
V
OUT pin of the IC. PBM is the process in which an
oscillator signal is gated or not gated to the switch drive
each period. The decision is made just before the start of
each cycle and is based on comparing the output voltage
to an internally-generated bandgap reference. The decision
is latched, so the duty ratio is not modulated within a cycle.
The average duty ratio is effectively modulated by the
“bursting” and skipping of pulses which can be seen at the
SW pin of the IC. Special care has been taken to achieve
high reliability through the use of Oxide, double Nitride
passivation. The TK652xx is available in a miniature
SOT-23L-6 surface mount package.
Customized levels of accuracy in oscillator frequency and
output voltage are available.
TK652xx
LBI
VIN
VOUT
LOI
SW
GND
20P
ADVANCED INFORMATION
FEATURES
s Guaranteed 0.9 V Operation
s Very Low Quiescent Current
s Internal Bandgap Reference
s High Efficiency MOS Switching
s Low Output Ripple
s Laser-Trimmed Output Voltage
s Low Output Voltage Monitor
s Low Battery Monitor
s Undervoltage Lockout
s Regulation by Pulse Burst Modulation (PBM)
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR


Similar Part No. - TK65218M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65218M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com