Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-030-6-31P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-030-6-31P
Description  Micro-D Filter Connectors Solder Cup
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-030-6-31P Datasheet(HTML) 2 Page - Glenair, Inc.

  240-030-6-31P Datasheet HTML 1Page - Glenair, Inc. 240-030-6-31P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-6
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
DIMENSIONS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
H Max.
In.
mm.
In .
± .003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
± .004
mm.
± 0.10
In.
mm.
9P
.785
19.94
.565
14.35
.333
8.46
.184
4.67
.310
7.87
.183
4.65
.400
10.16
9S
.785
19.94
.565
14.35
.400
10.16
.250
6.35
.310
7.87
.195
4.95
.400
10.16
15P
.935
23.75
.715
18.16
.483
12.27
.184
4.67
.310
7.87
.183
4.65
.550
13.97
15S
.935
23.75
.715
18.16
.551
14.00
.250
6.35
.310
7.87
.195
4.95
.550
13.97
21P
1.085
27.56
.865
21.97
.633
16.08
.184
4.67
.310
7.87
.183
4.65
.700
17.78
21S
1.085
27.56
.865
21.97
.701
17.81
.250
6.35
.310
7.87
.195
4.95
.700
17.78
25P
1.185
30.01
.965
24.51
.733
18.62
.184
4.67
.310
7.87
.183
4.65
.800
20.32
25S
1.185
30.01
.965
24.51
.801
20.35
.250
6.35
.310
7.87
.195
4.95
.800
20.32
31P
1.335
33.91
1.115
28.32
.883
22.43
.184
4.67
.310
7.87
.183
4.65
.950
24.13
31S
1.335
33.91
1.115
28.32
.951
24.16
.250
6.35
.310
7.87
.195
4.95
.950
24.13
37P
1.485
37.72
1.265
32.13
1.033
26.24
.184
4.67
.310
7.87
.183
4.65
1.100
27.94
37S
1.485
37.72
1.265
32.13
1.101
27.96
.250
6.35
.310
7.87
.195
4.95
1.100
27.94
Micro-D Filter Connectors
Solder Cup
MICRO-D FILTER CLASSES AND PERFORMANCE
Filter Class →
AB
C
D
E
F
G
Capacitance, Picofarads (pF)
C Filter
19000-28000
16000-22500
9000-16500
4000-6000
1650-2500
400-650
200-300
Pi Filter
38000-56000
32000-45000
18000-33000
8000-12000
3300-5000
800-1300
400-600
Insertion Loss, dB Minimum, 25° C.
Filter Type →
CPiCPiCPiCPiCPiCPiC
Pi
1 MHz
610
5
8
3
5
1
10 MHz
24
40
23
35
16
25
8
14
4
8
2
0.8
100 MHz
41
62
39
60
35
57
28
50
21
40
10
15
5
13
500-1000 MHz
50
66
49
62
46
60
41
58
34
52
23
32
17
22
.096/.088 (2.43/2.23) DIA.
D
A
B
C
E
MAX.
.125 (3.18)
F
PI FILTER .800 (20.32) MAX.
C FILTER .500 (12.70) MAX.
.093 ± .005
(2.36 ± 0.13)
H
MAX,
.310 (7.87)


Similar Part No. - 240-030-6-31P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-030-6-31PC GLENAIR-240-030-6-31PC Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-030-6-31PP GLENAIR-240-030-6-31PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
More results

Similar Description - 240-030-6-31P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
Wurth Elektronik GmbH &...
212613003 WURTH-212613003 Datasheet
303Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
216113023 WURTH-216113023 Datasheet
308Kb / 5P
   WE-D-SUB-Filter Solder Cup
001.001
216613023 WURTH-216613023 Datasheet
323Kb / 5P
   WE-D-SUB-Filter Solder Cup
001.001
212113023 WURTH-212113023 Datasheet
295Kb / 5P
   WE-D-SUB-Filter Solder Cup
001.001
214613023 WURTH-214613023 Datasheet
314Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
214113003 WURTH-214113003 Datasheet
301Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
210113023 WURTH-210113023 Datasheet
291Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
216613003 WURTH-216613003 Datasheet
322Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com