Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK61045 Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK61045
Description  VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK61045 Datasheet(HTML) 5 Page - TOKO, Inc

  TK61045 Datasheet HTML 1Page - TOKO, Inc TK61045 Datasheet HTML 2Page - TOKO, Inc TK61045 Datasheet HTML 3Page - TOKO, Inc TK61045 Datasheet HTML 4Page - TOKO, Inc TK61045 Datasheet HTML 5Page - TOKO, Inc TK61045 Datasheet HTML 6Page - TOKO, Inc TK61045 Datasheet HTML 7Page - TOKO, Inc TK61045 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
October 1999 TOKO, Inc.
Page 5
TK610xx
DEFINITION AND EXPLANATION OF TECHNICAL TERMS
DETECTION VOLTAGE (V
DET)
When V
DD goes below the detection voltage, the output
goes low.
HYSTERESIS VOLTAGE (V
HYS)
When V
DD goes above the sum of the detection voltage
and the hysteresis voltage, the output goes high.
SUPPLY CURRENT (I
SSL)
Supply current (V
DD = 1 V)
SUPPLY CURRENT (I
SSM)
Supply current (V
DD = 5 V) 2.0 V ≤ setting voltage ≤ 4.1 V
SUPPLY CURRENT (I
SSH)
Supply current (V
DD = 7 V) 4.2 ≤ setting voltage ≤ 5.0 V
OUTPUT CURRENT (I
ON1)
Output sink current of output N channel FET
V
DD = 0.8 V, VDS = 0.5 V
OUTPUT CURRENT (I
ON2)
Output sink current of output N channel FET
V
DD = 1.5 V, VDS = 0.5 V
OUTPUT CURRENT (I
OP1)
Output source current of output P channel FET
V
DD = 4.5 V, VDS = 2.1 V, 2.0 V ≤ setting voltage ≤ 4.1 V
VOLTAGE ACCURACY (V
ERR)
Error ratio of set voltage
V
ERR = 100 * (VDET - Setting Voltage)/ Setting Voltage
expressed in %
HYSTERESIS (HYS)
Ratio of hysteresis voltage to detection voltage
HYS = 100 * (V
HYS - VDET) / VDET expressed in %
MAXIMUM OPERATING VOLTAGE (V
DDH)
The maximum operating voltage.
LOWEST OPERATING VOLTAGE (V
DDL)
Voltage when V
DD is reduced and output goes up from 0 V
to 100 mV.
DETECTION VOLTAGE TEMPERATURE COEFFICIENT
(
∆ V
DET / VDET * ∆T)
Temperature coefficient of detection voltage.
RISE PROPAGATION DELAY TIME (t
DR)
The delay time for the output to reach (V
DET + 2.0 V) / 2
when V
DD goes from VLOW = 0.8 V to VHIGH = VDET + 2.0 V
∆ V
DET
V
DET * ∆T
=
1000000 * (V
DET(T) - VDET(25 °C))
V
DET (25 °C) * (T - 25 °C)


Similar Part No. - TK61045

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
More results

Similar Description - TK61045

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com