Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11347BMCL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK11347BMCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11347BMCL Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK11347BMCL Datasheet HTML 4Page - TOKO, Inc TK11347BMCL Datasheet HTML 5Page - TOKO, Inc TK11347BMCL Datasheet HTML 6Page - TOKO, Inc TK11347BMCL Datasheet HTML 7Page - TOKO, Inc TK11347BMCL Datasheet HTML 8Page - TOKO, Inc TK11347BMCL Datasheet HTML 9Page - TOKO, Inc TK11347BMCL Datasheet HTML 10Page - TOKO, Inc TK11347BMCL Datasheet HTML 11Page - TOKO, Inc TK11347BMCL Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Page 8
May, 1997 TOKO, Inc.
TK113xx B
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
CONTROL FUNCTION
1
4
5
6
23
CNP
V IN
SW
R c
SOT-23L
If the control function is not used, connect the control terminal to ground. When the control function is used, the
control current can be reduced by inserting a series resistor (Rc) between the control terminal and VIN. The value of
this resitor should be determined from the graph below.
1
4
6
23
CNP
V IN
SW
R c
SOT-89-5
CONTROL PIN VOLTAGE vs.
CURRENT
0
123
VCONT (V)
0
10
20
30
40
50
45
VOUT
RC = 0
RC =100k


Similar Part No. - TK11347BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11347BMCL TOKO-TK11347BMCL Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11347BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com