Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

189HN016J1705-3B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189HN016J1705-3B
Description  Backshell with Banding Strain Relief Environmental Resistant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189HN016J1705-3B Datasheet(HTML) 1 Page - Glenair, Inc.

  189HN016J1705-3B Datasheet HTML 1Page - Glenair, Inc. 189HN016J1705-3B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I-2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
189-016
Backshell with Banding Strain Relief
Environmental Resistant
for MIL-DTL-38999 Series III Fiber Optic Connectors
D
C
SYM M
F
E
SYM N
.75 (19.1) R Min.
Straight Knurl
Knurl Style
Mfr Option
STRAIGHT
SYM S
A Thread
Anti-rotation
Device
Internal Mechanical
Strain-relief Anti-rotation
B
Dia
Max
Length
L
Cable
Entry
K Dia.
O-rings
1.0 (25.4)
2.0 (50.8)
Shrink Sleeving
MIL-I-23053/4
(See Notes 7 & 8)
Shrink Sleeving
MIL-I-23053/5
(See Notes 7 & 8)
Product Series
Connector Designator
H = MIL-DTL-38999
Series III & IV
Angular Function
S = Straight
M = 45° Elbow
N = 90° Elbow
Basic Number
Finish Symbol
(Table III)
Shell Size
(See Table I)
Dash No.
(See Table II)
Length in 1/2-Inch
Increments (See Note 3)
B = With Band Strap
(Omit for None)
189 H S 016 M 17 07-3 B
APPLICATION NOTES
1. Assembly to be identified with manufacturer’s name and P/N as
space permits.
2. Glenair 600 series Backshell assembly tools are recommended
for assembly and installation.
3 Standard minimum length: 1.5 inches, for shorter length consult
factory.
4. Material/ Finish:
Adapter, Coupling Nut- Alloy/ See Table III.
Clamp components- Ryton R4XT- Black, Ultem 1000-Natural
Anti- Rotation device Torlon 4203L- Natural.
5. For shield termination see Glenair drawings 600-050 & 600-052.
6. Consult factory for larger cable size.
7. MIL-I-23053/4 Shrink Sleeving to be packaged loose in a plastic bag.
8. MIL-I-23053/4 Shrink Sleeving to be heat shrink over rear of
adapter before MIL-I-23053/5 Shrink Sleeving.
9. Metric dimensions (mm) are indicated in parentheses.
45º
90º


Similar Part No. - 189HN016J1705-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HN037B1105-3B GLENAIR-189HN037B1105-3B Datasheet
226Kb / 2P
   Environmental Backshell with Banding Strain Relief
189HN037B1107-3B GLENAIR-189HN037B1107-3B Datasheet
226Kb / 2P
   Environmental Backshell with Banding Strain Relief
189HN037B1109-3B GLENAIR-189HN037B1109-3B Datasheet
226Kb / 2P
   Environmental Backshell with Banding Strain Relief
189HN037B1111-3B GLENAIR-189HN037B1111-3B Datasheet
226Kb / 2P
   Environmental Backshell with Banding Strain Relief
189HN037B1113-3B GLENAIR-189HN037B1113-3B Datasheet
226Kb / 2P
   Environmental Backshell with Banding Strain Relief
More results

Similar Description - 189HN016J1705-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HS037NF1105-3B GLENAIR-189HS037NF1105-3B Datasheet
226Kb / 2P
   Environmental Backshell with Banding Strain Relief
189-016 GLENAIR-189-016 Datasheet
553Kb / 2P
   Backshell with Banding Strain Relief
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
189-015M1105-3B GLENAIR-189-015M1105-3B Datasheet
265Kb / 2P
   Environmental Banding Backshell
189-015M1105-3B GLENAIR-189-015M1105-3B_10 Datasheet
229Kb / 2P
   Environmental Banding Backshell
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
189-015 GLENAIR-189-015 Datasheet
326Kb / 2P
   Environmental Banding Backshell
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com