Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

233-101-G6M09 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-101-G6M09
Description  Hybrid Signal, Power, Coax and Twinax Arrangements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-101-G6M09 Datasheet(HTML) 1 Page - Glenair, Inc.

  233-101-G6M09 Datasheet HTML 1Page - Glenair, Inc. 233-101-G6M09 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
D-32
D
233-101-G6
Type 4 Lanyard Release Plug for MIL-STD-1760
and Other MIL-DTL-38999 Series III Type
Hybrid Signal, Power, Coax and Twinax Arrangements
Product
Series
Basic
Number
233 - 101 - G6
M
25 - 20
P
A
E
EMI
Plug
Contact Style
P - Pin
S - Socket
Shell
Size
Table I
Lanyard Length Code
See Table III
Alternate Key
Position
A, B, C, D or E
(
N for Normal)
F
6
1
U
T
E
P
R
S
D
C
B
2
W
K
H
5
A
G
V
7
3
X
L
M
J
Z
Y
N
4
1
ø A Max
Medium Diamond
Knurl (optional)
L
VV
Threads
Blue Color
Band
1.81 Max
(46.0 Max)
Type 4 (metal)
.061-.071 ø Wire,
7X7 Construction,
CRES, .093 OD
Nylon Jacket
1
Insert Arrangement 25-20
per MIL-STD-1560. Mating
face of pin insert is shown.
Socket face is opposite.
Grounding
Spring
Finish
Table II
Insert Arrangement
25-20 Per
MIL-STD-1560


Similar Part No. - 233-101-G6M09

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-101-G6 GLENAIR-233-101-G6 Datasheet
322Kb / 2P
   Type 4 Lanyard Release Plug
More results

Similar Description - 233-101-G6M09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
TE Connectivity Ltd
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
   2 form A contact arrangements
logo
List of Unclassifed Man...
RTB14005F ETC2-RTB14005F Datasheet
85Kb / 2P
   SPST through DPDT contact arrangements.
logo
Pasternack Enterprises,...
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
   BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
WAGO Kontakttechnik Gmb...
857-569 WAGO-857-569 Datasheet
843Kb / 12P
   Power signal conditioner; Current and voltage input signal; Current and voltage output signal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com