Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK654XX Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK654XX
Description  STEP-DOWN CONVERTER WITH BATTERY MONITOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK654XX Datasheet(HTML) 4 Page - TOKO, Inc

  TK654XX Datasheet HTML 1Page - TOKO, Inc TK654XX Datasheet HTML 2Page - TOKO, Inc TK654XX Datasheet HTML 3Page - TOKO, Inc TK654XX Datasheet HTML 4Page - TOKO, Inc TK654XX Datasheet HTML 5Page - TOKO, Inc TK654XX Datasheet HTML 6Page - TOKO, Inc TK654XX Datasheet HTML 7Page - TOKO, Inc TK654XX Datasheet HTML 8Page - TOKO, Inc TK654XX Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Page 4
TK654xx
September 1999 TOKO, Inc.
ADVANCED INFORMATION
TYPICAL PERFORMANCE CHARACTERISTICS
USING TEST CIRCUIT (CONT.)
1.8
TK65418
LOAD AND TEMPERATURE
REGULATION
TEMPERATURE (
°C)
-50 -25
0
25
50
75
100 125
1.72
1.76
1.84
1.90
1.74
1.82
1.88
1.78
1.86
I
OUT
= 1 mA
I
OUT
= 50 mA
I
OUT
= 100 mA
3.35
TK65433
LOAD AND TEMPERATURE
REGULATION
TEMPERATURE (
°C)
-50 -25
0
25
50
75
100 125
3.05
3.45
3.55
3.15
3.25
I
OUT
= 1 mA
I
OUT
= 50 mA
I
OUT
= 100 mA
40
TK65418
EFFICIENCY vs.
OUTPUT CURRENT
IOUT (mA)
0
20
40
60
80
100
120
0
70
100
10
60
90
30
20
50
80
40
TK65433
EFFICIENCY vs.
OUTPUT CURRENT
IOUT (mA)
0
40
80
120
160
0
70
100
10
60
90
30
20
50
80
85
TK65418
EFFICIENCY vs. TEMPERATURE
TEMPERATURE (
°C)
-50 -25
0
25
50
75 100 125
75
100
90
80
95
I
OUT
= 50 mA
91
TK65433
EFFICIENCY vs. TEMPERATURE
TEMPERATURE (
°C)
-50 -25
0
25
50
75 100 125
85
99
93
89
97
I
OUT
= 50 mA
87
95


Similar Part No. - TK654XX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK654XX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
ams AG
AS1346 AMSCO-AS1346 Datasheet
657Kb / 16P
   Dual Step-Down Converter with Battery Monitoring
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
398Kb / 21P
   Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
19-1810; Rev 1; 1/02
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
623Kb / 2P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
Analog Devices
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
   50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
Rev. B
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
   50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
Rev. B
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com