Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65133 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK65133
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65133 Datasheet(HTML) 1 Page - TOKO, Inc

  TK65133 Datasheet HTML 1Page - TOKO, Inc TK65133 Datasheet HTML 2Page - TOKO, Inc TK65133 Datasheet HTML 3Page - TOKO, Inc TK65133 Datasheet HTML 4Page - TOKO, Inc TK65133 Datasheet HTML 5Page - TOKO, Inc TK65133 Datasheet HTML 6Page - TOKO, Inc TK65133 Datasheet HTML 7Page - TOKO, Inc TK65133 Datasheet HTML 8Page - TOKO, Inc TK65133 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
January 1999 TOKO, Inc.
Page 1
TK651xx
VIN
GND
SW
LOI
VOUT
CONTROL
CIRCUIT
OSCILLATOR
Vref
UVLO
BLOCK DIAGRAM
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK651xxM
VOLTAGE CODE
27 = 2.7 V
30 = 3.0 V
33 = 3.3 V
Voltage Code
DESCRIPTION
The TK651xx low power step-up DC-DC converter is
designed for portable battery powered systems, capable
of operating from a single battery cell down to 0.9 V. The
TK651xx provides the power switch and the control circuit
for a boost converter. The converter takes a DC input and
boosts it up to a regulated 2.7, 3.0 or 3.3 V output .
The output voltage is laser-trimmed. A Low Output Indicator
detector (LOI) monitors the output voltage and provides an
active low microprocessor reset signal whenever the
output voltage falls below an internally preset limit. An
internal Undervoltage Lockout (UVLO) circuit is utilized to
prevent the inductor switch from remaining in the “on”
mode when the battery voltage is too low to permit normal
operation. Pulse Burst Modulation (PBM) is used to regulate
the voltage at the V
OUT pin of the IC. PBM is the process
in which an oscillator signal is gated or not gated to the
switch drive each period. The decision is made just before
the start of each cycle and is based on comparing the
output voltage to an internally-generated bandgap
reference. The decision is latched, so the duty ratio is not
modulated within a cycle. The average duty ratio is
effectively modulated by the “bursting” and skipping of
pulses which can be seen at the SW pin of the IC. Special
care should be taken to achieve reliability through the use
of Oxide, double Nitride passivation. The TK651xx is
available in a miniature 6-pin SOT-23L-6 surface mount
package.
Customized levels of accuracy in oscillator frequency and
output voltage are available.
TK651xx
GND
VIN
VOUT
LOI
SW
GND
20P
FEATURES
s Guaranteed 0.9 V Operation
s Very Low Quiescent Current
s Internal Bandgap Reference
s High Efficiency MOS Switching
s Low Output Ripple
s Microprocessor Reset Output
s Laser-Trimmed Output Voltage
s Laser-Trimmed Oscillator
s Undervoltage Lockout
s Regulation by Pulse Burst Modulation (PBM)
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR


Similar Part No. - TK65133

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65133

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com