Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65133 Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK65133
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65133 Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK65133 Datasheet HTML 2Page - TOKO, Inc TK65133 Datasheet HTML 3Page - TOKO, Inc TK65133 Datasheet HTML 4Page - TOKO, Inc TK65133 Datasheet HTML 5Page - TOKO, Inc TK65133 Datasheet HTML 6Page - TOKO, Inc TK65133 Datasheet HTML 7Page - TOKO, Inc TK65133 Datasheet HTML 8Page - TOKO, Inc TK65133 Datasheet HTML 9Page - TOKO, Inc TK65133 Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Page 6
January 1999 TOKO, Inc.
TK651xx
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
N
I
e
g
a
t
l
o
V
y
l
p
p
u
S0
9
.
00
5
.
2V
I
)
Q
(
B
)
3
e
t
o
N
(
t
n
e
r
r
u
C
y
r
e
t
t
a
B
d
a
o
L
o
N
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=
T
A
C
°
5
2
=
9
71
1
1A
µ
V
(
I
N
I )V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
N
I
n
i
P
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=
T
A
C
°
5
2
=
0
25
3A
µ
V
(
I
T
U
O
)V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
T
U
O
n
i
PV
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=2
20
4A
µ
∆f
C
S
O
/
∆T
r
o
t
a
ll
i
c
s
O
f
o
y
t
il
i
b
a
t
S
e
r
u
t
a
r
e
p
m
e
TV
N
I
,
V
3
.
1
=
g
n
i
p
p
i
k
S
e
s
l
u
P
o
N
1
.
0C
°
/
%
V
)
G
E
R
(
T
U
O
V
f
o
d
l
o
h
s
e
r
h
T
n
o
i
t
a
l
u
g
e
R
T
U
O
T
A
C
°
5
2
=5
8
.
20
0
.
30
1
.
3V
∆V
T
U
O
/
∆T
V
f
o
y
t
il
i
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
)
G
E
R
(
T
U
O
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=0
0
1C
°
/
m
p
p
V
)
I
O
L
(
T
U
O
V
T
U
O
n
o
i
t
i
s
n
a
r
T
I
O
L
g
n
i
r
u
DV
N
I
,
V
3
.
1
=T
A
C
°
5
2
=8
4
.
22
8
.
20
7
.
2V
∆V
)
I
O
L
(
T
U
O
V
)
I
O
L
(
T
U
O
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
TT
A
C
°
5
2
=0
6V
m
R
)
N
O
(
W
S
n
i
P
W
S
f
o
e
c
n
a
t
s
i
s
e
r
-
n
OV
T
U
O
V
4
.
20
.
1
F
F
E)
3
,
2
s
e
t
o
N
(
y
c
n
e
i
c
i
f
f
E
r
e
t
r
e
v
n
o
C
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
6
=
li
o
C
F
D
3
,
H
µ
5
9
=
L
7
7%
V
V
L
U
e
g
a
t
l
o
V
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
UT
A
)
4
e
t
o
N
(
,
C
°
5
2
=5
4
.
09
7
.
0V
I
)
X
A
M
(
T
U
O
I
m
u
m
i
x
a
M
T
U
O
r
e
t
r
e
v
n
o
C
r
o
f
)
3
,
1
s
e
t
o
N
(
V
N
I
T
,
V
1
.
1
=
A
,
C
°
5
2
=
li
o
C
F
D
3
,
H
µ
5
9
=
L
47
.
6A
m
V
N
I
T
,
V
3
.
1
=
A
,
C
°
5
2
=
li
o
C
F
D
3
,
H
µ
5
9
=
L
68
.
0
1A
m
V
N
I
T
,
V
1
.
1
=
A
,
C
°
5
2
=
li
o
C
3
7
D
,
H
µ
9
3
=
L
0
.
4
1A
m
V
N
I
T
,
V
3
.
1
=
A
,
C
°
5
2
=
li
o
C
3
7
D
,
H
µ
9
3
=
L
6
.
8
2A
m
VIN
300 k
GND
GND
LOI
VOUT
IND
IB
L = 95 µH
D
IOUT
VOUT
RN
1 K
RS
1 K
VIN
CN
10 µF
CO
10 µF
I(VIN)
CS
220 pF
I(VOUT)
CB
10 µF
TK65130 ELECTRICAL CHARACTERISTICS
Over operating temperature range and supply voltage range, unless otherwise specified.
BENCH TEST CIRCUIT
Inductor L: Toko A682AE-014 or equivalent
Diode D: LL103A or equivalent
Capacitors C
N:CO:CB: Panasonic TE series,
ECS-TOJY106R
Note 1:
Maximum load current depends on
inductor value and input voltages.
Note 2:
Output ripple depends on filter
capacitor values, ESRs and the
inductor value.
Note 3:
When using specified Toko inductor
and Schottky diode with V
F = 0.45 V
@ 100 mA.
Note 4:
Regulation not guaranteed.


Similar Part No. - TK65133

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65133

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com