Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11125MIL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK11125MIL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11125MIL Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK11125MIL Datasheet HTML 4Page - TOKO, Inc TK11125MIL Datasheet HTML 5Page - TOKO, Inc TK11125MIL Datasheet HTML 6Page - TOKO, Inc TK11125MIL Datasheet HTML 7Page - TOKO, Inc TK11125MIL Datasheet HTML 8Page - TOKO, Inc TK11125MIL Datasheet HTML 9Page - TOKO, Inc TK11125MIL Datasheet HTML 10Page - TOKO, Inc TK11125MIL Datasheet HTML 11Page - TOKO, Inc TK11125MIL Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Page 8
March 1999 TOKO, Inc.
TK111xxM
LINE VOLTAGE STEP RESPONSE
TIME (µs)
0
100
200
300
400
CN = 0.001 µF
CN = 0.01 µF
VOUT +2 V
VOUT +1 V
OUTPUT VOLTAGE VARIATION
TA (°C)
-50
0
50
100
20
-20
-10
10
0
-30
2.8 V
3.0 V
RIPPLE REJECTION
f (kHz)
0.01
1
10
100
0
-20
-40
-60
-80
-100
CL = 4.7 µF, CN = 1.0 µF
CL = 2.2 µF, CN = .01 µF
CL = 4.7 µF, CN = 0.1 µF
IOUT = 30 mA
OUTPUT NOISE LEVEL VS. CN
CN
1 pF
10
100
1000
0.1 µF .1
250
200
150
100
50
0
CL = 2.2 µF
IOUT = 60 mA
CL = 10 µF
CL = 3.3µF
NOISE SPECTRUM
f (Hz)
0
500 k
1 M
0
-50
-100
CL = 3.3 µF, CN = NONE
CL = 3.3 µF, CN = 0.1 µF
SPECTRUM ANALYZER BACK-
GROUND NOISE
LOAD CURRENT STEP RESPONSE 1
TIME (µs)
0
200
400
600
800
5 TO 100 mA
CL = 2.2 µF
CN = 0.01 µF
1 TO 100 mA
100 mA
1 OR 5 mA
LOAD CURRENT STEP RESPONSE 2
TIME (ms)
0
2
4
6
8
CN = 0.01 µF
50 mA
0 mA
CL = 2.2 µF
CL = 4.7 µF
CL = 10 µF
CL = 47 µF
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK11125MIL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11125S TOKO-TK11125S Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11125SCL TOKO-TK11125SCL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11125SIL TOKO-TK11125SIL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11125MIL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com