Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

189HS037B1505-3B Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 189HS037B1505-3B
Description  Environmental Backshell with Banding Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189HS037B1505-3B Datasheet(HTML) 2 Page - Glenair, Inc.

  189HS037B1505-3B Datasheet HTML 1Page - Glenair, Inc. 189HS037B1505-3B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I-5
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
TABLE I: SHELL SIZE
Shell
Size
A Thread
ISO Metric
B
Max
C
Max
D
Max
E
Max
F
Max
11
M15 x 1 - 6H 1.060 (26.9)
.861 (21.9) 1.111 (28.2) 1.563 (39.7) 1.875 (47.6)
13
M18 x 1 - 6H 1.170 (29.7)
.911 (23.1) 1.161 (29.5) 1.938 (49.2) 2.250 (57.2)
15
M22 x 1 - 6H 1.290 (32.8)
.965 (24.5) 1.215 (30.9) 1.938 (49.2) 2.250 (57.2)
17
M25 x 1 - 6H 1.420 (36.1) 1.014 (25.8) 1.264 (32.1) 2.063 (52.4) 2.375 (60.3)
19
M28 x 1 - 6H 1.540 (39.1) 1.064 (27.0) 1.314 (33.4) 2.063 (52.4) 2.375 (60.3)
21
M31 x 1 - 6H 1.670 (42.4) 1.118 (28.4) 1.368 (34.7) 2.563 (65.1) 2.875 (73.0)
23
M34 x 1 - 6H 2.010 (51.1) 1.172 (29.8) 1.422 (36.1) 2.313 (58.8) 2.688 (68.3)
25
M37 x 1 - 6H 2.120 (53.8) 1.221 (31.0) 1.471 (37.4) 2.250 (57.2) 2.563 (65.1)
TABLE III: FINISH
SYM
MATERIAL
FINISH
NF
Aluminum
Cadmium/Olive Drab over
Electroless Nickel
(500 Hr. Salt Spray)
B
Aluminum
Cadmium Plate/Olive Drab
J
Aluminum
Gold Iridite over Cadmium
Plate over Nickel
N
Aluminum
Cadmium Plate/Olive Drab
over Nickel
M
Aluminum
Electroless Nickel
T
Aluminum
Cadmium Plate/Bright Dip
over Nickel
APPLICATION NOTES
1. Assembly to be identified with manufacturer’s name
and P/N as space permitted.
2. Glenair 600 series Backshell assembly tools are recommended
for assembly and installation.
3. Standard minimum length: 1.5 inches, for shorter length consult factory.
4. Material/ Finish:
Adapter, Coupling Nut- Al Alloy/ See Table III.
Strain relief components- Nylon 6/6 (Flame resistant/ zero halogen.
Anti- Rotation device- Torlon 4203L- Natural.
O-Rings- Fluorosilicone/ N.A.
5. MIL-I-23053/4 & /5 Shrink Sleeving to be packaged loose in
a plastic bag.
6. MIL-I-23054/4 Shrink Sleeving to be heat Shrink over
rear of adapter before MIL-I-23053/5 Shrink Sleeving.
7. Metric dimensions (mm) are indicated in parentheses.
TABLE II: DASH NUMBER, CABLE RANGE & SHRINK SLEEVE
Dash
No.
Fiber Optic
Cable Range
K Dia
+.005 (0.1)
W
Hex
X
Dim
MIL-I-23053/4
Shrink Sleeve
MIL-I-23053/3
Shrink Sleeve
05
.200 (5.1) / .285 (7.2) .312 (8.0) .750 (19.1)
2.320 (58.9)
/4-203-0
/5-107-0
07
.285 (7.2) / .390 (9.9)
.438 (11.1) .870 (22.1)
2.800 (71.1)
/4-204-0
/5-108-0
09
.390 (9.9) / .550 (14.0) .562 (14.3) 1.060 (26.9) 3.660 (93.0)
/4-204-0
/5-109-0
11
.550 (14.0) / .670 (17.0) .688 (17.5) 1.300 (33.0) 4.370 (111.0)
/4-205-0
/5-109-0
189-037
Environmental Backshell with Banding Strain Relief
for MIL-DTL-38999 Series III Fiber Optic Connectors


Similar Part No. - 189HS037B1505-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HS038XM1106K-D GLENAIR-189HS038XM1106K-D Datasheet
220Kb / 2P
   Composite Connector Backshell Adapter
189HS038XM1109K-D GLENAIR-189HS038XM1109K-D Datasheet
220Kb / 2P
   Composite Connector Backshell Adapter
189HS038XM1110K-D GLENAIR-189HS038XM1110K-D Datasheet
220Kb / 2P
   Composite Connector Backshell Adapter
189HS038XM1112K-D GLENAIR-189HS038XM1112K-D Datasheet
220Kb / 2P
   Composite Connector Backshell Adapter
189HS038XM1114K-D GLENAIR-189HS038XM1114K-D Datasheet
220Kb / 2P
   Composite Connector Backshell Adapter
More results

Similar Description - 189HS037B1505-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HS016NF1105-3B GLENAIR-189HS016NF1105-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189-016 GLENAIR-189-016 Datasheet
553Kb / 2P
   Backshell with Banding Strain Relief
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
189-015M1105-3B GLENAIR-189-015M1105-3B Datasheet
265Kb / 2P
   Environmental Banding Backshell
189-015M1105-3B GLENAIR-189-015M1105-3B_10 Datasheet
229Kb / 2P
   Environmental Banding Backshell
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
189-015 GLENAIR-189-015 Datasheet
326Kb / 2P
   Environmental Banding Backshell
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com