Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

121-102-1-1-10CFNH Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 121-102-1-1-10CFNH
Description  Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

121-102-1-1-10CFNH Datasheet(HTML) 1 Page - Glenair, Inc.

  121-102-1-1-10CFNH Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-7
E-Mail: sales@glenair.com
www.glenair.com
TYPE
E
TWO
EXTERNAL
SHIELDS
LENGTH
(AS SPECIFIED IN FEET)
INNER SHIELD
TUBING
OUTER SHIELD
121-102 - Type E
Series 74 Helical Convoluted Tubing (MIL-T-81914) Natural or
Black PFA, FEP, PTFE, Tefzel® (ETFE) or PEEK
* The minimum bend radius is based on Type A construction (see page D-3). For
multiple-braided coverings, these minumum bend radii may be increased slightly.
TABLE I
MINIMUM
BEND RADIUS *
.50
(12.7)
.75
(19.1)
.75
(19.1)
.88
(22.4)
1.00
(25.4)
1.25
(31.8)
1.50
(38.1)
1.75
(44.5)
1.88
(47.8)
2.25
(57.2)
2.75
(69.9)
3.25
(82.6)
3.63
(92.2)
4.25 (108.0)
DASH FRACTIONAL
A INSIDE
B DIA
NO.
SIZE REF
DIA MIN
MAX
06
3/16
.181
(4.6)
.420 (10.7)
09
9/32
.273
(6.9)
.514 (13.1)
10
5/16
.306
(7.8)
.550 (14.0)
12
3/8
.359
(9.1)
.610 (15.5)
14
7/16
.427 (10.8)
.671 (17.0)
16
1/2
.480 (12.2)
.750 (19.1)
20
5/8
.603 (15.3)
.870 (22.1)
24
3/4
.725 (18.4)
1.030 (26.2)
28
7/8
.860 (21.8)
1.173 (29.8)
32
1
.970 (24.6)
1.326 (33.7)
40
1 1/4
1.205 (30.6)
1.639 (41.6)
48
1 1/2
1.437 (36.5)
1.932 (49.1)
56
1 3/4
1.688 (42.9)
2.182 (55.4)
64
2
1.937 (49.2)
2.432 (61.8)
B DIA
A DIA
Metric dimensions (mm)
are in parentheses.
*
Consult factory for
thin-wall, close
convolution combina-
tion.
** For PTFE maximum
lengths - consult
factory.
*** Consult factory for
PEEK min/max
dimensions.
Product
Series
Basic No.
Class
1 = Standard Wall
2 = Thin Wall *
Convolution
1 = Standard
2 = Close
Dash No. (Table I)
Color
B = Black, C = Natural
121-102-1-1-16 B E T S
Outer Shield
N = Nickel/Copper
S = SnCuFe
T = Tin/Copper
C = Stainless Steel
Inner Shield
N = Nickel/Copper
S = SnCuFe
T = Tin/Copper
Material
E = ETFE
P = PFA
F = FEP
T = PTFE**
K = PEEK ***
MINIMUM
BEND RADIUS


Similar Part No. - 121-102-1-1-10CFNH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-102-1-1-10BKA GLENAIR-121-102-1-1-10BKA Datasheet
332Kb / 1P
   Helical Convoluted Tubing
More results

Similar Description - 121-102-1-1-10CFNH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100-1-1-06BECE GLENAIR-121-100-1-1-06BECE Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-101-1-1-06BECE GLENAIR-121-101-1-1-06BECE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-1-1-06BECE GLENAIR-121-103-1-1-06BECE Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-103-1-1-06BE GLENAIR-120-103-1-1-06BE Datasheet
240Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
121-103 GLENAIR-121-103_09 Datasheet
340Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com