Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65127 Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK65127
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65127 Datasheet(HTML) 4 Page - TOKO, Inc

  TK65127 Datasheet HTML 1Page - TOKO, Inc TK65127 Datasheet HTML 2Page - TOKO, Inc TK65127 Datasheet HTML 3Page - TOKO, Inc TK65127 Datasheet HTML 4Page - TOKO, Inc TK65127 Datasheet HTML 5Page - TOKO, Inc TK65127 Datasheet HTML 6Page - TOKO, Inc TK65127 Datasheet HTML 7Page - TOKO, Inc TK65127 Datasheet HTML 8Page - TOKO, Inc TK65127 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Page 4
January 1999 TOKO, Inc.
TK651xx
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
N
I
e
g
a
t
l
o
V
y
l
p
p
u
S0
9
.
00
6
.
1V
I
)
Q
(
B
)
3
e
t
o
N
(
t
n
e
r
r
u
C
y
r
e
t
t
a
B
d
a
o
L
o
N
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=
T
A
C
°
5
2
=
6
54
8A
µ
V
(
I
N
I )V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
N
I
n
i
P
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=
T
A
C
°
5
2
=
5
.
2
10
2A
µ
V
(
I
T
U
O
)V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
T
U
O
n
i
PV
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=5
.
4
13
2A
µ
∆f
C
S
O
/
∆T
r
o
t
a
ll
i
c
s
O
f
o
y
t
il
i
b
a
t
S
e
r
u
t
a
r
e
p
m
e
TV
N
I
,
V
3
.
1
=
g
n
i
p
p
i
k
S
e
s
l
u
P
o
N
1
.
0C
°
/
%
V
)
G
E
R
(
T
U
O
V
f
o
d
l
o
h
s
e
r
h
T
n
o
i
t
a
l
u
g
e
R
T
U
O
T
A
C
°
5
2
=6
5
.
20
7
.
29
7
.
2V
∆V
T
U
O
/
∆T
V
f
o
y
t
il
i
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
)
G
E
R
(
T
U
O
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
0
=0
0
1C
°
/
m
p
p
V
)
I
O
L
(
T
U
O
V
T
U
O
n
o
i
t
i
s
n
a
r
T
I
O
L
g
n
i
r
u
DV
N
I
,
V
3
.
1
=T
A
C
°
5
2
=4
2
.
26
3
.
25
4
.
2V
∆V
)
I
O
L
(
T
U
O
V
)
I
O
L
(
T
U
O
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
TT
A
C
°
5
2
=8
3V
m
R
)
N
O
(
W
S
n
i
P
W
S
f
o
e
c
n
a
t
s
i
s
e
r
-
n
OV
T
U
O
V
4
.
20
.
1
F
F
E)
3
,
2
s
e
t
o
N
(
y
c
n
e
i
c
i
f
f
E
r
e
t
r
e
v
n
o
C
V
N
I
,
V
3
.
1
=I
T
U
O
,
A
m
6
=
li
o
C
F
D
3
,
H
µ
5
9
=
L
6
7%
V
V
L
U
e
g
a
t
l
o
V
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
UT
A
)
4
e
t
o
N
(
,
C
°
5
2
=5
4
.
09
7
.
0V
I
)
X
A
M
(
T
U
O
I
m
u
m
i
x
a
M
T
U
O
r
e
t
r
e
v
n
o
C
r
o
f
)
3
,
1
s
e
t
o
N
(
V
N
I
T
,
V
1
.
1
=
A
,
C
°
5
2
=
li
o
C
F
D
3
,
H
µ
5
9
=
L
66
.
7A
m
V
N
I
T
,
V
3
.
1
=
A
,
C
°
5
2
=
li
o
C
F
D
3
,
H
µ
5
9
=
L
88
.
2
1A
m
V
N
I
T
,
V
1
.
1
=
A
,
C
°
5
2
=
li
o
C
3
7
D
,
H
µ
9
3
=
L
5
.
5
1A
m
V
N
I
T
,
V
3
.
1
=
A
,
C
°
5
2
=
li
o
C
3
7
D
,
H
µ
9
3
=
L
6
.
3
3A
m
VIN
300 k
GND
GND
LOI
VOUT
IND
IB
L = 95 µH
D
IOUT
VOUT
RN
1 K
RS
1 K
VIN
CN
10 µF
CO
10 µF
I(VIN)
CS
220 pF
I(VOUT)
CB
10 µF
BENCH TEST CIRCUIT
Inductor L: Toko A682AE-014 or equivalent
Diode D: LL103A or equivalent
Capacitors C
N:CO:CB: Panasonic TE series,
ECS-TOJY106R
TK65127 ELECTRICAL CHARACTERISTICS
Over operating temperature range and supply voltage range, unless otherwise specified.
Note 1:
Maximum load current depends on
inductor value and input voltages.
Note 2:
Output ripple depends on filter
capacitor values, ESRs and the
inductor value.
Note 3:
When using specified Toko inductor
and Schottky diode with V
F = 0.45 V
@ 100 mA.
Note 4:
Regulation not guaranteed.


Similar Part No. - TK65127

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65127

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com