Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-016FT-86P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-016FT-86P
Description  Hermetic Receptacle, Narrow Flange Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-016FT-86P Datasheet(HTML) 2 Page - Glenair, Inc.

  230-016FT-86P Datasheet HTML 1Page - Glenair, Inc. 230-016FT-86P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
E-5
HERMETIC RECEPTACLE,
NARROW FLANGE MOUNT,
MIL-C-26482 SRS 2, MS3440 TYPE
230-016
B
.594 (15.1)
.719 (18.3)
.812 (20.6)
.906 (23.0)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
A
.828 (21.0)
.954 (24.2)
1.047 (26.6)
1.141 (29.0)
1.234 (31.3)
1.328 (33.7)
1.453 (36.9)
1.578 (40.1)
1.703 (43.3)
SHELL
SIZE
8
10
12
14
16
18
20
22
24
C ø
MOUNTING
LOCATOR
.563/.557 (14.3/14.1)
.673/.667 (17.1/16.9)
.782/.776 (19.9/19.7)
.907/.901 (23.0/22.9)
1.032/1.026 (26.2/26.1)
1.157/1.151 (29.4/29.2)
1.251/1.245 (31.8/31.6)
1.376/1.371 (35.0/34.8)
1.501/1.495 (38.1/38.0)
D ø
MIN
.403 (10.2)
.515 (13.1)
.630 (16.0)
.755 (19.2)
.880 (22.4)
.980 (24.9)
1.105 (28.0)
1.230 (31.2)
1.385 (35.2)
F
.598/.578 (15.2/14.7)
.598/.578 (15.2/14.7)
.598/.578 (15.2/14.7)
.598/.578 (15.2/14.7)
.598/.578 (15.2/14.7)
.660/.640 (16.8/16.3)
.660/.640 (16.8/16.3)
.660/.640 (16.8/16.3)
G
.078/.046 (2.0/1.2)
.078/.046 (2.0/1.2)
.078/.046 (2.0/1.2)
.078/.046 (2.0/1.2)
.078/.046 (2.0/1.2)
.078/.046 (2.0/1.2)
.110/.078 (2.8/2.0)
.110/.078 (2.8/2.0)
.110/.078 (2.8/2.0)
H
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.120 (3.0)
.147 (3.7)
.598/.578 (15.2/14.7)
TABLE I: CONNECTOR DIMENSIONS
PANEL
CUT-OUT
ø
.570 (14.5)
.680 (17.3)
.789 (20.0)
.914 (23.2)
1.039 (26.4)
1.164 (29.6)
1.258 (32.0)
1.383 (35.1)
1.508 (38.3)
V
.248/.188 (6.3/4.8)
.248/.188 (6.3/4.8)
.248/.188 (6.3/4.8)
.248/.188 (6.3/4.8)
.248/.188 (6.3/4.8)
.248/.188 (6.3/4.8)
.248/.188 (6.3/4.8)
.216/.156 (5.5/4.0)
.216/.156 (5.5/4.0)
P
.178/.118 (4.5/3.0)
.178/.118 (4.5/3.0)
.178/.118 (4.5/3.0)
.178/.118 (4.5/3.0)
.178/.118 (4.5/3.0)
.178/.118 (4.5/3.0)
.178/.118 (4.5/3.0)
.146/.086 (3.7/2.2)
.146/.086 (3.7/2.2)
J
.125/.105 (3.2/2.7)
.125/.105 (3.2/2.7)
.125/.105 (3.2/2.7)
.125/.105 (3.2/2.7)
.125/.105 (3.2/2.7)
.125/.105 (3.2/2.7)
.093/.073 (2.4/1.9)
.125/.105 (3.2/2.7)
.125/.105 (3.2/2.7)
L
.801 (20.3)
.801 (20.3)
.801 (20.3)
.801 (20.3)
.801 (20.3)
.801 (20.3)
.863 (21.9)
.895 (22.7)
.895 (22.7)
MAX.
WEIGHT
(LBS)
.038
.044
.052
.070
.085
.098
.110
.150
.280
SHELL
SIZE
8
10
12
14
16
18
20
22
24
TABLE I (CONTINUED): CONNECTOR DIMENSIONS
3. PERFORMANCE:
HERMETICITY: <1 X 10^-7 SCCHE/SEC @ 1 ATMOSPHERE DIFFERENTIAL
DIELECTRIC WITHSTANDING VOLTAGE: CONSULT FACTORY OR MIL-STD-1669
INSULATION RESISTANCE: 5000 MEGOHMS MIN @ 500VDC
1. MATERIAL/FINISH:
SHELL - C1215 CRS / TIN PLATED
CONTACTS - 52 NICKEL ALLOY / TIN PLATED
BAYONETS: STAINLESS STEEL / PASSIVATED
SEALS: SILICONE ELASTOMER
INSULATION: GLASS, NOIBN
2 ASSEMBLY TO BE IDENTIFIED WITH GLENAIR'S NAME, PART
NUMBER AND DATE CODE SPACE PERMITTING.
_
4. GLENAIR 230-016 WILL MATE WITH ANY QPL MIL-C-26482
SERIES 2 BAYONET COUPLING PLUG OF SAME SIZE
AND INSERT POLARIZATION
5 CONSULT FACTORY AND / OR MIL-STD-1669 FOR
ARRANGEMENT AND INSERT POSITION OPTIONS
NOTES:
230-016
Hermetic Receptacle, Narrow Flange Mount
MIL-C-26482 series II, Ms3440 Type


Similar Part No. - 230-016FT-86P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-016FT-106P GLENAIR-230-016FT-106P Datasheet
411Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-016FT-106P GLENAIR-230-016FT-106P_09 Datasheet
411Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
More results

Similar Description - 230-016FT-86P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-0178-6P GLENAIR-230-0178-6P Datasheet
305Kb / 2P
   Hermetic Receptacle, Wide Flange Mount
230-01886P GLENAIR-230-01886P Datasheet
302Kb / 2P
   Hermetic Receptacle, Solder Flange Mount
230-016FT-106P GLENAIR-230-016FT-106P_09 Datasheet
411Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-035 GLENAIR-230-035 Datasheet
407Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
237-051 GLENAIR-237-051 Datasheet
273Kb / 2P
   Special Narrow Square Flange Mount Receptacle
230-016 GLENAIR-230-016 Datasheet
278Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-035 GLENAIR-230-035 Datasheet
260Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
227-162H GLENAIR-227-162H Datasheet
120Kb / 1P
   Hermetic Receptacle with Triangular Flange Mount
237-153 GLENAIR-237-153 Datasheet
302Kb / 2P
   Hermetic Dual Flange Jam Nut Mount Receptacle
947-303 GLENAIR-947-303 Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com