Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65025 Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK65025
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65025 Datasheet(HTML) 4 Page - TOKO, Inc

  TK65025 Datasheet HTML 1Page - TOKO, Inc TK65025 Datasheet HTML 2Page - TOKO, Inc TK65025 Datasheet HTML 3Page - TOKO, Inc TK65025 Datasheet HTML 4Page - TOKO, Inc TK65025 Datasheet HTML 5Page - TOKO, Inc TK65025 Datasheet HTML 6Page - TOKO, Inc TK65025 Datasheet HTML 7Page - TOKO, Inc TK65025 Datasheet HTML 8Page - TOKO, Inc TK65025 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page 4
February, 1997 Toko, Inc.
TK65025
SINGLE-CELL APPLICATION
The TK65025 is a boost converter control IC with the
power MOSFET switch built into the device. It operates
from one or two battery cells and steps up the output
voltage to a regulated 3.0 Volts. The device operates at a
fixed nominal clock frequency of 83 kHz. The analysis is
easier to follow when referencing the test circuit below.
1
3
RESET
GND
6
4
VIN
VOUT
2
5
GND
IND
S
S
S
+
S
C N
300 k
RESET
15
10
µF
10
µF
S
S
1K
220 pF
10
µF
S
D
VO
IO
1K
V
I
I
B
+
S
S
L
+
S
= 95
µH
CU
CD
R
N
R
R
R
S
C
S
ROF
The Test Circuit shown here is identical with the one
shown on page 2 of the TK65025 data sheet.
RIPPLE AND NOISE CONSIDERATIONS
In its simplest form, a power converter using the TK65025
requires only three external components: an inductor, a
diode, and a capacitor (see figure below).
1
3
RESET
GND
6
4
VIN
VOUT
2
5
GND
IND
+
S
S
S
VO
V
I
S
Compared to the test circuit, this means eliminating the
following circuitry: the RC filter into the Vin pin, the RC
snubber, the RC filter at the converter output, and the
pullup resistor to the reset pin. The RC filter at the Vin pin
is used only to prevent the ripple voltage at the battery
terminals from prematurely causing under-voltage lockout
of the IC. This is only needed when the inductor value is
relatively small and the battery resistance is relatively high
and the Vin range must extend as low as possible. The RC
snubber dampens the ringing which occurs during the
deadtime, but this provides only a limited noise reduction,
so it isn’t required. The RC filter at the converter output
attenuates the conducted noise - the converter doesn’t
require this either. Finally, the pullup resistor at the reset
pin is needed only if the reset output signal is used. Most
of this circuitry which appears in the test circuit has been
added to minimize ripple and noise effects. But when this
is not critical, the circuit can be minimized.
When any DC-DC converter is used to convert power
in RF circuits (e.g., pagers) the spectral noise generated
by the converter, whether conducted or radiated, is of
concern. The oscillator of the TK65025 has been trimmed
and stabilized to 83 +/– 4 kHz with the intention of greatly
minimizing interference at the common IF frequency of
455 kHz. In comparison with conventional IC solutions,
where the oscillator frequency is not controlled tightly, the
TK65025 can achieve as much as 20-30 dB improve-
ments in RF interference reduction by means of its accu-
rately controlled oscillator frequency. This IF frequency is
halfway between the fifth and sixth harmonics of the
oscillator. The fifth harmonic of the maximum oscillator
frequency and the sixth harmonic of the minimum oscilla-
tor frequency still leave a 39 kHz band centered around
455 kHz within which a fundamental harmonic of the
oscillator will not fall. Since the TK65025 operates by
pulse burst modulation (PBM), the switching pattern can
be a subharmonic of the oscillator frequency. The sim-
plest example and the one most to be avoided is that of the
converter causing every other oscillator pulse to be skipped.
That means that the switching pattern would have a
fundamental frequency of one-half the oscillator frequency,
or 41.5 kHz - the eleventh harmonic of which lands at
456.5 kHz, right in the IF band. Fortunately, the energy is
rather weak at the eleventh harmonic - and even more
fortunate is the ease with which that regulation mode is
avoided. Due to a finite hysteresis in the regulator com-
parator, when an additional output filter is used (e.g., the
RC filter of the test circuit, or an LC filter) this minimizes the
ripple at the regulation node which limits the rate at which
the oscillator can be gated. In practice, this means that
rather than exhibiting a switching pattern of skipping every
other oscillator pulse, it would be more likely to exhibit a
switching pattern of three or four pulses followed by that
many pulses skipped. Although this also tends to increase
the output ripple, it is low frequency and has low magni-
tude (e.g., 10 kHz and 10 mV) which tends to be of little
consequence.


Similar Part No. - TK65025

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
TK65020MTL TOKO-TK65020MTL Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
TK65020MTL/20M TOKO-TK65020MTL/20M Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
More results

Similar Description - TK65025

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com