Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65020MTL Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK65020MTL
Description  STEP-UP VOLTAGE CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65020MTL Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK65020MTL Datasheet HTML 6Page - TOKO, Inc TK65020MTL Datasheet HTML 7Page - TOKO, Inc TK65020MTL Datasheet HTML 8Page - TOKO, Inc TK65020MTL Datasheet HTML 9Page - TOKO, Inc TK65020MTL Datasheet HTML 10Page - TOKO, Inc TK65020MTL Datasheet HTML 11Page - TOKO, Inc TK65020MTL Datasheet HTML 12Page - TOKO, Inc TK65020MTL Datasheet HTML 13Page - TOKO, Inc TK65020MTL Datasheet HTML 14Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADVANCED INFORMATION
January 1999 TOKO, Inc.
Page 11
TK65020
HOW TO MAKE A STEP-DOWN CONVERTER USING THE TK65020 AND AN IRF7524D1 “FETKY” PART
The TK65020 can be used as a controller in a step-down converter with the following two additional changes. See Fig 3.
1) Change the main switch orientation for use in a step-down converter. An external P-channel power MOSFET is
used as the main switch in a step-down converter configuration. The gate of FET is turned on through a resistor divider
being pulled down to GND by the internal output transistor of the TK65020. This application requires both a logic level
P-channel MOSFET and a Schottky diode. An IRF7524D1 “FETKY” part contains both in a small micro 8 package.
2) Change the voltage seen at the V
IN pin of the TK65020 to below the regulation voltage at the VOUT pin. A resistor
divider between the converter V
IN and the chip VIN pin drops the voltage seen at the VIN pin. If the VIN pin is a higher voltage
than the V
OUT pin, the TK65020 will not regulate the output, but will continue to pulse its output transistor.
WHERE TO USE THIS STEP-DOWN CONVERTER
The TK65020 is a Pulse Burst Modulation (PBM) controller with a fixed duty cycle of approximately 50%. Therefore, only
if V
BATT is more than twice the voltage of VOUT can the converter run in Continuous Current Mode (CCM). The converter
can and does regulate in Discontinuous Current Mode (DCM) for lighter output current loads with V
IN less than twice the
voltage of V
OUT. But DCM produces more peak current and more ripple current than CCM. Below is a table giving some
examples of where this type of step-down converter might be used.
1 k
+
R3
150
R4
10 k
R1
3.9 k
R2
TK65125
U1
10 µH
C2
U2
L1
3
1
4
2
5
VIN
VOUT
GND
SW
IRF7524D1
1,2
4
3
R7
1 k
C1
5,6,
7,8
+
47 µF
C3
47 µF
6
NC
VBATT
VOUT
220 pF
GND
STEP-DOWN CONVERTER APPLICATION
FIGURE 3: STEP-DOWN CONVERTER USING THE TK65020 SCHEMATIC
Note 1: Li-ion cell voltage range 2.7 V to 4.2 V
Note 2: NiMH cell voltage range 1.1 V to 1.3 V
Note: L = 10
µH
Toko P/N: 636CY-100M
D73C Coil
Type Battery
# of Cells
VBATT Range
VOUT
Typ. Max IOUT
Oper Mode
Inductor
Li-ion
2 (Note 1)
5.4 to 8.4 V
2.5 V
500 mA
DCM
10
µH
NiMH
4 (Note 2)
4.4 to 5.2 V
2.5 V
500 mA
DCM
10
µH
NiMH
6 (Note 2)
6.6 to 7.8 V
2.5 V
500 mA
CCM
120
µH


Similar Part No. - TK65020MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025M TOKO-TK65025M Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MBX TOKO-TK65025MBX Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MBX/M25 TOKO-TK65025MBX/M25 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MTL TOKO-TK65025MTL Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65020MTL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433_15 Datasheet
243Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com