Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65020 Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK65020
Description  STEP-UP VOLTAGE CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65020 Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK65020 Datasheet HTML 4Page - TOKO, Inc TK65020 Datasheet HTML 5Page - TOKO, Inc TK65020 Datasheet HTML 6Page - TOKO, Inc TK65020 Datasheet HTML 7Page - TOKO, Inc TK65020 Datasheet HTML 8Page - TOKO, Inc TK65020 Datasheet HTML 9Page - TOKO, Inc TK65020 Datasheet HTML 10Page - TOKO, Inc TK65020 Datasheet HTML 11Page - TOKO, Inc TK65020 Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADVANCED INFORMATION
Page 8
January 1999 TOKO, Inc.
TK65020
ESR of the output capacitor can increase the voltage drop
across the inductor by the additional voltage dropped
across the ESR when the peak current flows in it. For
example, the voltage across a capacitor with an ESR of 2
Ohms (not unusual at cold temperature) would jump by
200 mV when 100 mA peak current began to flow in it. This
extra voltage drop would cause the inductor current to
ramp down more quickly, thus depleting the available
output current. Possible choices for low ESR capacitors
are: Panasonic TE series (surface mount); AVX TPS
series (surface mount); Matsuo 267 series (surface mount);
Sanyo OS-CON series.
RIPPLE AND NOISE CONSIDERATIONS
The filtered test circuit of the TK65020 is shown below in
Figure 2.
VIN
GND
GND
NC
VOUT
SW
IB
L = 95 µF
D
IOUT
VOUT
RN
1 K
RS
1 K
VIN
CN
10 µF
CD
10 µF
CS
220 pF
ROF
15
++
CU
10 µF
FIGURE 2: FILTERED TEST CIRCUIT
SINGLE-CELL APPLICATION (CONT.)
normal case), then the IC may become inoperable due to
insufficient V
IN. This is why the application test circuit
features an RC filter into the V
IN pin. The current draw is
very small, so the voltage drop across this filter resistor is
negligible. The filter serves to average out the input ripple
caused by the battery resistance. Note that this filter is
optional, and the net effect of its use is the extension of
battery life by allowing the battery to be discharged more
deeply.
A more power-efficient method comes at the price of a
large capacitor. This can be placed in parallel with the
battery to help channel the converter current pulses away
from the battery. The capacitor must have low ESR
compared to the battery resistance in order to accomplish
this effectively.
Still another solution is to filter the DC input with an LC
filter. However, it is more likely that the filter will be either
too large or too lossy. It is of questionable benefit to smooth
the input if the DC loss through the filter is large.
Assuming that input ripple voltage at the battery terminal
and converter input is large, and that we filter the V
IN pin of
the IC as in the test circuit, then the parameter “V
IN” in the
previous equations is not usable, and we will need to use
parameters to represent both the source voltage
and the
source resistance.
SWITCH ON-RESISTANCE, INDUCTOR WINDING
RESISTANCE, AND CAPACITANCE ESR
The on-resistance of the TK65020’s internal switch is
about 1 Ohm maximum. Using the previously stated
example of 100 mA peak current, the voltage drop across
the switch would reach 100 mV during the on-time. This
subtracts from the voltage which is impressed across the
inductor to store energy during the on-time. As a result,
less energy is delivered to the output during the off-time.
If the winding resistance of the inductor increases to 1 Ohm
or greater, the voltage drop across the winding resistance
also subtracts from the voltage used to store energy in the
core. This causes a degradation in efficiency.
As the inductor delivers energy into the output capacitor
during the off-time, its current decays at a rate proportional
to the voltage drop across it. The idealized equations
assume that the voltage at the switching node is clamped
at a diode drop above the output voltage. However, the


Similar Part No. - TK65020

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025M TOKO-TK65025M Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MBX TOKO-TK65025MBX Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MBX/M25 TOKO-TK65025MBX/M25 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MTL TOKO-TK65025MTL Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433_15 Datasheet
243Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com