Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11341BMCL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK11341BMCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11341BMCL Datasheet(HTML) 2 Page - TOKO, Inc

  TK11341BMCL Datasheet HTML 1Page - TOKO, Inc TK11341BMCL Datasheet HTML 2Page - TOKO, Inc TK11341BMCL Datasheet HTML 3Page - TOKO, Inc TK11341BMCL Datasheet HTML 4Page - TOKO, Inc TK11341BMCL Datasheet HTML 5Page - TOKO, Inc TK11341BMCL Datasheet HTML 6Page - TOKO, Inc TK11341BMCL Datasheet HTML 7Page - TOKO, Inc TK11341BMCL Datasheet HTML 8Page - TOKO, Inc TK11341BMCL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Page 2
May, 1997 TOKO, Inc.
TK113xx B
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 16 V
Output Current .................................................... 260 mA
Power Dissipation ............................................... (Note 1)
SOT-23L ......................................................... 600 mW
SOT-89-5 ....................................................... 900 mW
Reverse Bias ............................................................ 10 V
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ...................-30 to +80
°C
Voltage Range ............................................ 1.8 to 14.5 V
Junction Temperature ........................................... 150
°C
TK113XXB ELECTRICAL CHARACTERISTICS
Test conditions: T
A = 25 °C, unless otherwise specified.
Note 1:
When mounted as recommended. Derate at 4.8 mW/
°C for SOT-23L and 6.4 mW/°C for SOT-89-5 packages when ambient
temperatures are over 25
°C.
Note 2:
For Line Regulation V
O > 5.6 V, Typ and Max values are 15 and 40 mV.
Note 3: Refer to Definition of Terms.
Note 4: Ripple Rejection and noise voltage are affected by the value and characteristics of the capacitor used.
Note 5: Output noise voltage can be reduced by connecting a capacitor to a noise pass terminal.
Gen. Note: Parameters with min. or max. values are 100% tested at T
A = 25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
IOUT = 0 mA, Except ICONT
170
250
µA
I
STBY
Standby Current
V
IN = 8 V, at output off
0.1
µA
V
O
Output Voltage
I
OUT = 30 mA
See table 1
V
Line Reg
Line Regulation
V
O ≤ 5.5 V (Note 2)
3.0
20
mV
Load Reg
Load Regulation
I
OUT = 1 mA → 60 mA (Note 3)
6
30
mV
I
OUT = 1 mA → 100 mA (Note 3)
18
90
mV
V
DROP
Dropout Voltage
I
OUT = 60 mA
0.12
0.24
V
I
OUT
Continuous Output Current
I
OUT when VOUT drops 0.3 V
150
mA
from VO (typ) (Note 3)
RR
Ripple Rejection
f = 400 Hz, C
L= 10 µF, CN = 0.1 µF55
dB
VIN = VOUT + 1.5 V, IOUT = 30 mA,
(Note 4)
V
NO
Output Noise Voltage
10 Hz
≤ f ≤ 80 KHz,
30
µVrms
VCN = VOUT + 1.5 V, IOUT = 60 mA,
CL = 10
µF, CN = 0.1 µF, (Notes 4,5)
I
OUT (PULSE)
Pulse Output Current
5 ms pulse, 12.5% duty cycle
200
mA
V
REF
Noise Bypass Terminal Voltage
1.25
V
Control Terminal Specification
I
CONT
Control Current
Output on, V
CONT = 1.8 V
12
35
µA
VCONT
Control Voltage
Output on
V
IN-1.8
V
Output off
V
IN-0.6
V
∆V
O/TA
Output Voltage Temperature
IOUT = 10 mA
0.09
mV/
°C
Coefficient


Similar Part No. - TK11341BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11341BMCL TOKO-TK11341BMCL Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11341BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com