Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK61027 Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK61027
Description  VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK61027 Datasheet(HTML) 2 Page - TOKO, Inc

  TK61027 Datasheet HTML 1Page - TOKO, Inc TK61027 Datasheet HTML 2Page - TOKO, Inc TK61027 Datasheet HTML 3Page - TOKO, Inc TK61027 Datasheet HTML 4Page - TOKO, Inc TK61027 Datasheet HTML 5Page - TOKO, Inc TK61027 Datasheet HTML 6Page - TOKO, Inc TK61027 Datasheet HTML 7Page - TOKO, Inc TK61027 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2
October 1999 TOKO, Inc.
TK610xx
Note 1: V
ERR = 100 * (VDET - Setting Voltage) / Setting Voltage expressed in %
Note 2: HYS = 100 * (V
HYS - VDET) / VDET expressed in %
Note 3: The applied voltage is a pulse of V
LOW = 0.8 V, VHIGH = VDET + 2 V
Note 4: Power dissipation is 400 mW when mounted as recommended. Derate at 3.2 mW/
°C for operation above 25 °C.
Power dissipation is 200 mW in Free Air. Derate at 1.6 mW/
°C for operation above 25 °C.
Note 5: Output sink current.
Note 6: Output source current.
TK610xx ELECTRICAL CHARACTERISTICS
T
A = 25 °C, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
All Pins Except GND ................................................ 11 V
Power Dissipation (Note 4) ................................ 400 mW
Storage Temperature Range ................... -40 to +125
°C
Operating Temperature Range ................... -30 to +80
°C
Junction Temperature ........................................... 150
°C
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
V
R
R
E
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V1
e
t
o
N2
-2
+%
S
Y
Hs
i
s
e
r
e
t
s
y
H2
e
t
o
N
357
%
V
H
D
D
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
m
u
m
i
x
a
M9
V
V
L
D
D
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
t
s
e
w
o
L
8
.
0V
∆V
T
E
D
V
T
E
D
*
∆T
e
g
a
t
l
o
V
n
o
i
t
c
e
t
e
D
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
C
°
0
3
-
≤ p
o
t
C
°
0
80
0
1
±C
°
/
m
p
p
t
R
D
e
m
i
T
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
e
s
i
R3
e
t
o
N0
0
1c
e
s
µ
I
L
S
S
)
L
(
t
n
e
r
r
u
C
y
l
p
p
u
SV
D
D
V
0
.
1
=0
.
1A
µ
I
M
S
S
)
M
(
t
n
e
r
r
u
C
y
l
p
p
u
S
V
D
D
,
V
0
.
5
=
V
0
.
2
e
g
a
t
l
o
V
g
n
i
t
t
e
S
V
0
.
5
0
.
10
.
2A
µ
I
H
S
S
)
H
(
t
n
e
r
r
u
C
y
l
p
p
u
S
V
D
D
,
V
0
.
7
=
V
2
.
4
e
g
a
t
l
o
V
g
n
i
t
t
e
S
V
0
.
5
5
.
10
.
3A
µ
I
1
N
O
)
5
e
t
o
N
(
)
1
N
(
t
n
e
r
r
u
C
t
u
p
t
u
OV
S
D
V
,
V
5
0
.
0
=
D
D
V
8
.
0
=1
0
.
05
0
.
0A
m
I
2
N
O
)
5
e
t
o
N
(
)
2
N
(
t
n
e
r
r
u
C
t
u
p
t
u
OV
S
D
V
,
V
5
.
0
=
D
D
V
5
.
1
=0
.
20
.
4A
m
I
1
P
O
)
6
e
t
o
N
(
)
1
P
(
t
n
e
r
r
u
C
t
u
p
t
u
O
V
S
D
V
,
V
1
.
2
=
D
D
,
V
5
.
4
=
V
0
.
2
e
g
a
t
l
o
V
g
n
i
t
t
e
S
V
1
.
4
0
.
20
.
4A
m
I
1
P
O
)
6
e
t
o
N
(
)
1
P
(
t
n
e
r
r
u
C
t
u
p
t
u
O
V
S
D
V
,
V
1
.
2
=
D
D
,
V
0
.
7
=
V
2
.
4
e
g
a
t
l
o
V
g
n
i
t
t
e
S
V
0
.
5
0
.
60
.
8A
m


Similar Part No. - TK61027

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
More results

Similar Description - TK61027

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com