Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K170 Datasheet(PDF) 4 Page - TOKO, Inc

Part # K170
Description  LOW VOLTAGE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

K170 Datasheet(HTML) 4 Page - TOKO, Inc

  K170 Datasheet HTML 1Page - TOKO, Inc K170 Datasheet HTML 2Page - TOKO, Inc K170 Datasheet HTML 3Page - TOKO, Inc K170 Datasheet HTML 4Page - TOKO, Inc K170 Datasheet HTML 5Page - TOKO, Inc K170 Datasheet HTML 6Page - TOKO, Inc K170 Datasheet HTML 7Page - TOKO, Inc K170 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
December 1999 TOKO, Inc.
TK17010
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT VOLTAGE vs.
OUTPUT CURRENT
IOUT (mA)
0.0
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCC = 1.5 V
Vref = 0.75 V
GVA = 0 dB
Source Current
Sink Current
OUTPUT VOLTAGE vs.
INPUT FREQUENCY
fIN (kHz)
0
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
VCC = 1.5 V
Vref = 0.75 V
GVA = 20 dB
RL = 10 kΩ
THD = < 1%
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
VCC(V)
0.0
0
1
2
3
4
5
6
7
8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT VOLTAGE vs.
INPUT VOLTAGE
VIN (mV)
0.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCC = 1.5 V
GVA = 0 dB
OUTPUT VOLTAGE/TOTAL HARMONIC
DISTORTION vs. INPUT VOLTAGE
VIN (dBV)
-80
-70
-60 -50 -40
-30 -20 -10
0
-70
-60
-50
-40
-30
-20
-10
0
VCC = 1.5 V
Vref = 0.75 V
fIN = 1 kHz
GVA = 0 dB
VOUT
THD
OPEN CIRCUIT VOLTAGE GAIN
vs. INPUT FREQUENCY
fIN (kHz)
-20
0.01
0.1
1
10
100
1000
0
20
40
60
80
100


Similar Part No. - K170

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K170 TOSHIBA-K170 Datasheet
218Kb / 4P
   FET, Silicon N Channel Junction Type(for Low Noise Audio Amplifier)
logo
Integrated Circuit Syst...
K170 ICST-K170 Datasheet
44Kb / 4P
   Low EMI Clock Generator
logo
Amphenol Corporation
K170 AMPHENOL-K170 Datasheet
46Kb / 2P
   Ice Point Reference
K170 AMPHENOL-K170 Datasheet
84Kb / 2P
   Eispunkt-Referenz
logo
MTRONPTI
K1700A MTRONPTI-K1700A Datasheet
107Kb / 2P
   5V Temperature Compensated Voltage Controlled Crystal Oscillators
More results

Similar Description - K170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com