Electronic Components Datasheet Search |
|
TCTOP0G226M8R Datasheet(PDF) 3 Page - Rohm |
|
TCTOP0G226M8R Datasheet(HTML) 3 Page - Rohm |
3 / 6 page 3/5 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.06 - Rev.A Data Sheet TCTO Series P Case Characteristics Item Performance Test conditions (based on JIS C 5101 −1 and JIS C 5101−3) Operating Temperature −55 °C to +105°C Maximum operating temperature with no voltage derating +85 °C Rated voltage (VDC) 10 6.3 4 Category voltage (VDC) 6.3 4 2.5 Surge voltage (VDC) 13 8 5.0 2.5 1.6 3.2 DC Leakage current Shall be satisfied the voltage on " Standard list " Capacitance tolerance Measuring frequency : 100 ±10kHz Measuring voltage : 0.5Vrms or less Measuring circuit : DC Equivalent series circuit Tangent of loss angle (Df, tan δ) ESR Resistance to Soldering heat Temperature cycle Moisture resistance There should be no significant abnormality. The indications should be clear. Appearance ∆C / C Df (tan δ) L.C. Shall be satisfied the voltage on " Standard list " Measuring frequency : 120 ±12Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Shall be satisfied the voltage on " Standard list " at 85 °C at 105 °C at 85 °C Voltage : Rated voltage for 5min Shall be satisfied allowance range. ±20% Measuring frequency : 120±12Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Less than 300% of initial limit Less than 300% of initial limit Voltage reduction when temperature exceeds +85 °C As per 4.9 JIS C 5101-1 As per 4.5.1 JIS C 5101-3 As per 4.7 JIS C 5101-1 As per 4.5.2 JIS C 5101-3 As per 4.8 JIS C 5101-1 As per 4.5.3 JIS C 5101-3 As per 4.10 JIS C 5101-1 As per 4.5.4 JIS C 5101-3 As per 4.14 JIS C 5101-1 As per 4.6 JIS C 5101-3 Dip in the solder bath Solder temp : 240 ±5 °C Duration : 10 ±0.5s Repetition : 1 After the specimens, leave it at room temperature for over 24h and then measure the sample. As per 4.16 JIS C 5101-1 As per 4.10 JIS C 5101-3 As per 4.22 JIS C 5101-1 As per 4.12 JIS C 5101-3 There should be no significant abnormality. The indications should be clear. Appearance ∆C / C Df (tan δ) L.C. Less than 300% of initial limit After leaving the sample under such atmospheric condition that the temperature and humidity are 40 ±2°C and 90 to 95% RH, respectiveiy, for 500±12h leave it at room temperature for 24h and then measure the sample. Within +30/−20% of initial value Within ±20% of initial value Within ±20% of initial value Less than 300% of initial limit There should be no significant abnormality. The indications should be clear. Appearance ∆C / C Df (tan δ) L.C. Less than 1000% of initial limit Repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. Less than 300% of initial limit Temp. Time 1 2 3 4 Room temp. Room temp. 3min. or less 3min. or less 30 ±3min. 30 ±3min. −55±3°C 105 ±2°C |
Similar Part No. - TCTOP0G226M8R |
|
Similar Description - TCTOP0G226M8R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |