Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65015 Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK65015
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65015 Datasheet(HTML) 8 Page - TOKO, Inc

  TK65015 Datasheet HTML 1Page - TOKO, Inc TK65015 Datasheet HTML 2Page - TOKO, Inc TK65015 Datasheet HTML 3Page - TOKO, Inc TK65015 Datasheet HTML 4Page - TOKO, Inc TK65015 Datasheet HTML 5Page - TOKO, Inc TK65015 Datasheet HTML 6Page - TOKO, Inc TK65015 Datasheet HTML 7Page - TOKO, Inc TK65015 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
2-2-96
February, 1996 TOKO, Inc.
TK65015
Printed in U.S.A.
Please order by literature number:
IC-137-TK65015
SOT-23L
TOKO America, Inc.
1250 Feehanville Dr.
Mt. Prospect, IL 60056
Tel: (800) PIK-TOKO
Fax: (847) 699-1194
YOUR LOCAL REPRESENTATIVE IS:
MARKING INFORMATION
M15
0.95
0.95
0.4
e
e
0.1
M
3.4
3.3
2.2
0.4
+0.1
-0.05
± 0.2
± 0.2
± 0.3
0.95
0.95
e
e
0.6
±0.15
Recommended Mount Pad
1
2
3
4
5
6
Orientation Mark
Marking
Information
Unit:mm
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO
does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is
granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
PACKAGE OUTLINE
dynamic problem. Under the situation of placing a dy-
namic load on the output of the converter, saturation may
occur. Fortunately, unlike off-line powered converters,
battery powered converters tend to be quite forgiving of
dynamic saturation, due to the limitation of available
power.
Startup of the converter is an example of a practically
unavoidable dynamic load change (complicated by an
output operating point change) that can cause saturation
of the inductor. However, this particular phenomenon
applies to single cell powered converters, too - so satura-
tion is not entirely avoidable, yet does not cause system
problems. It is beyond the scope of this application note
to quantify the practical limitations of allowed dynamic
saturation and how stressful it may be to the various
components involved. It is left to the user to examine
emperically the dynamic saturation phenomenon and de-
termine what performance is acceptable. In most cases
no problem will be exhibited.


Similar Part No. - TK65015

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
TK65018M TOKO-TK65018M Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
TK65018MITL TOKO-TK65018MITL Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
More results

Similar Description - TK65015

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com