Electronic Components Datasheet Search |
|
TK61023 Datasheet(PDF) 5 Page - TOKO, Inc |
|
TK61023 Datasheet(HTML) 5 Page - TOKO, Inc |
5 / 8 page October 1999 TOKO, Inc. Page 5 TK610xx DEFINITION AND EXPLANATION OF TECHNICAL TERMS DETECTION VOLTAGE (V DET) When V DD goes below the detection voltage, the output goes low. HYSTERESIS VOLTAGE (V HYS) When V DD goes above the sum of the detection voltage and the hysteresis voltage, the output goes high. SUPPLY CURRENT (I SSL) Supply current (V DD = 1 V) SUPPLY CURRENT (I SSM) Supply current (V DD = 5 V) 2.0 V ≤ setting voltage ≤ 4.1 V SUPPLY CURRENT (I SSH) Supply current (V DD = 7 V) 4.2 ≤ setting voltage ≤ 5.0 V OUTPUT CURRENT (I ON1) Output sink current of output N channel FET V DD = 0.8 V, VDS = 0.5 V OUTPUT CURRENT (I ON2) Output sink current of output N channel FET V DD = 1.5 V, VDS = 0.5 V OUTPUT CURRENT (I OP1) Output source current of output P channel FET V DD = 4.5 V, VDS = 2.1 V, 2.0 V ≤ setting voltage ≤ 4.1 V VOLTAGE ACCURACY (V ERR) Error ratio of set voltage V ERR = 100 * (VDET - Setting Voltage)/ Setting Voltage expressed in % HYSTERESIS (HYS) Ratio of hysteresis voltage to detection voltage HYS = 100 * (V HYS - VDET) / VDET expressed in % MAXIMUM OPERATING VOLTAGE (V DDH) The maximum operating voltage. LOWEST OPERATING VOLTAGE (V DDL) Voltage when V DD is reduced and output goes up from 0 V to 100 mV. DETECTION VOLTAGE TEMPERATURE COEFFICIENT ( ∆ V DET / VDET * ∆T) Temperature coefficient of detection voltage. RISE PROPAGATION DELAY TIME (t DR) The delay time for the output to reach (V DET + 2.0 V) / 2 when V DD goes from VLOW = 0.8 V to VHIGH = VDET + 2.0 V ∆ V DET V DET * ∆T = 1000000 * (V DET(T) - VDET(25 °C)) V DET (25 °C) * (T - 25 °C) |
Similar Part No. - TK61023 |
|
Similar Description - TK61023 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |