Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK61023 Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK61023
Description  VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK61023 Datasheet(HTML) 4 Page - TOKO, Inc

  TK61023 Datasheet HTML 1Page - TOKO, Inc TK61023 Datasheet HTML 2Page - TOKO, Inc TK61023 Datasheet HTML 3Page - TOKO, Inc TK61023 Datasheet HTML 4Page - TOKO, Inc TK61023 Datasheet HTML 5Page - TOKO, Inc TK61023 Datasheet HTML 6Page - TOKO, Inc TK61023 Datasheet HTML 7Page - TOKO, Inc TK61023 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
October 1999 TOKO, Inc.
TK610xx
TYPICAL PERFORMANCE CHARACTERISTICS
2.0
SUPPLY CURRENT
VS.
OPERATING VOLTAGE
VDD (V)
0.0
1.0
2.0 3.0 4.0
5.0 6.0
7.0
1.5
1.0
0.5
0.0
V
DET
= 4.2 V
8.0
OUTPUT VOLTAGE VS. MAXIMUM
OPERATING VOLTAGE
VDD (V)
0.0
1.0
2.0 3.0 4.0
5.0 6.0
7.0
6.0
4.0
2.0
0.0
1.0
3.0
5.0
7.0
VDET = 4.2 V
20.0
OUTPUT SINK CURRRENT VS.
OUTPUT VOLTAGE
VDS (V)
0.0
1.0
2.0
3.0
15.0
10.0
5.0
0.0
V
DD
= 2.5 V
V
DD
= 1.0V
V
DD
= 1.5 V
V
DD
= 2.0 V
12.0
OUTPUT SOURCE CURRRENT VS.
OPERATING VOLTAGE
VDD (V)
4.0
6.0
8.0
10.0
10.0
6.0
4.0
0.0
V
DS
= 2.5 V
V
DS
= 1.0 V
V
DS
= 1.5 V
V
DS
= 2.0 V
2.0
8.0
V
DS
= 0.5 V
4.4
DETECTION VOLTAGE AND
HYSTERESIS VS. TEMPERATURE
VDD (V)
-50
0
50
100
4.35
4.3
4.25
4.15
V
HYS
V
DET
4.2
1
PROPAGATION DELAY TIME
VS.
OUTPUT CAPACITANCE
COUT (µF)
0.0001
0.001
0.01
0.1
0.1
0.01
tdr
tdf


Similar Part No. - TK61023

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
More results

Similar Description - TK61023

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com