Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTAL1A156M8R Datasheet(PDF) 2 Page - Rohm

Part # TCTAL1A156M8R
Description  Chip tantalum capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTAL1A156M8R Datasheet(HTML) 2 Page - Rohm

  TCTAL1A156M8R Datasheet HTML 1Page - Rohm TCTAL1A156M8R Datasheet HTML 2Page - Rohm TCTAL1A156M8R Datasheet HTML 3Page - Rohm TCTAL1A156M8R Datasheet HTML 4Page - Rohm TCTAL1A156M8R Datasheet HTML 5Page - Rohm TCTAL1A156M8R Datasheet HTML 6Page - Rohm TCTAL1A156M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCT Series AL Case
Data Sheet
2/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.G
Rated table
Rated voltage (V)
Remark) Case size codes (AL) in the above show products line-up.
Under development
(
µF)
4
0G
2.5
0E
4.7 (475)
6.8 (685)
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
330 (337)
150 (157)
6.3
0J
10
1A
16
1C
20
1D
35
1V
AL
AL
AL
AL
AL
AL
AL
AL
AL
AL
AL
AL
AL
2.2 (225)
1.0 (105)
AL
AL
25
1E
3.3 (335)
AL
220 (227)
AL
AL
Marking
A s
A s
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of AL case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
Capacitance
Code
Nominal
Capacitance (
µF)
[AL case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
(1)
A
(2)
s
g
j
A
C
D
V
4
e
2.5
6.3
10
16
20
35
S
W
a
e
j
n
4.7
N
3.3
J
2.2
A
1.0
6.8
10
15
22
33
s47
w68
100
a
150
e
330
n
E25
220
j
manufacture code


Similar Part No. - TCTAL1A156M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTAL1A476M8R ROHM-TCTAL1A476M8R Datasheet
179Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCTAL1A156M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com