Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTOP1A475M8R Datasheet(PDF) 5 Page - Rohm

Part # TCTOP1A475M8R
Description  Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTOP1A475M8R Datasheet(HTML) 5 Page - Rohm

  TCTOP1A475M8R Datasheet HTML 1Page - Rohm TCTOP1A475M8R Datasheet HTML 2Page - Rohm TCTOP1A475M8R Datasheet HTML 3Page - Rohm TCTOP1A475M8R Datasheet HTML 4Page - Rohm TCTOP1A475M8R Datasheet HTML 5Page - Rohm TCTOP1A475M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
TCTO Series P Case
Standard products list, TCTO series
4
13.9
13.2
TCTO P 0G 336
TCTO P 0J 226
33
22
3.2
5.2
6.3
5
8
−55°C
105
°C
25
°C
85
°C
10
10
15
10
10
15
(m
Ω)
500
500
± 20
22.0
TCTO P 1A 226
4
18.8
TCTO P 0G 476
47
3.2
5.2
10
10
15
500
2.5
17.0
TCTO P 0E 686
68
2
3.2
10
10
15
500
22
10813
10
10
15
500
± 20
2.5
11.8
TCTO P 0E 476
TCTO P 1A 335
TCTO P 1A 106
TCTO P 1A 475
TCTO P 0J 336
47
2
3.2
10
10
15
500
± 20
15.0
TCTO P 1A 156
15
10813
10
10
15
500
± 20
10.0
10
10813
10
10
15
500
± 20
TCTO P 1A 685
6.8
6.8
10813
10
10
15
500
± 20
4.7
4.7
10813
10
10
15
500
± 20
3.3
3.3
10813
10
10
15
500
± 20
20.8
33
6.3
5
8
10
10
15
500
± 20
± 20
± 20
± 20
=Tolerance(M :
± 20%)
=Under development
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Leakage
current
25
°C
1WV.5min
(
µA)
Df
120Hz
(%)
ESR
100kHz
Packaging specifications
Taping [P case]
Case code
Feeding direction
Chip
P
2.0
±0.05
4.0
±0.1
4.0
±0.1
φ1.5
+0.1
−0
B
±0.1
A
±0.1
t1
±0.05
t2
±0.1
1.55
2.3
0.25
1.5
A
B
t1
t2
Packaging style
3,000pcs
Case code
Packaging
Taping
P case
Packaging style
plastic taping
φ180mm Reel
Symbol
R
Basic ordering units
Reel [P case]
11.4 1.0
Label sticking position
EIAJ ET
−7200B
Pull direction
+−


Similar Part No. - TCTOP1A475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTOAL0E105M8R ROHM-TCTOAL0E105M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E106M8R ROHM-TCTOAL0E106M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E107M8R ROHM-TCTOAL0E107M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E156M8R ROHM-TCTOAL0E156M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E157M8R ROHM-TCTOAL0E157M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
More results

Similar Description - TCTOP1A475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTO_M ROHM-TCTO_M Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_AL ROHM-TCTO_AL Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com