Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTOM1A156M8R Datasheet(PDF) 3 Page - Rohm

Part # TCTOM1A156M8R
Description  Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTOM1A156M8R Datasheet(HTML) 3 Page - Rohm

  TCTOM1A156M8R Datasheet HTML 1Page - Rohm TCTOM1A156M8R Datasheet HTML 2Page - Rohm TCTOM1A156M8R Datasheet HTML 3Page - Rohm TCTOM1A156M8R Datasheet HTML 4Page - Rohm TCTOM1A156M8R Datasheet HTML 5Page - Rohm TCTOM1A156M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.05 - Rev.A
Data Sheet
TCTO Series M Case
Characteristics
Item
Performance
Test conditions (based on JIS C 5101
−1 and JIS C 5101−3)
Operating Temperature
−55
°C to +105°C
Maximum operating
temperature with no voltage
derating
+85
°C
Rated voltage (VDC)
10
6.3
4
Category voltage (VDC)
6.3
4
2.5
Surge voltage (VDC)
13
8
5.0
2.5
1.6
3.2
DC Leakage current
Shall be satisfied the voltage on
" Standard list "
Capacitance tolerance
Measuring frequency : 100
±10kHz
Measuring voltage
: 0.5Vrms or less
Measuring circuit
: DC Equivalent series circuit
Tangent of loss angle
(Df, tan
δ)
ESR
Resistance to
Soldering heat
Temperature
cycle
Moisture
resistance
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Shall be satisfied the voltage on
" Standard list "
Measuring frequency : 120
±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Shall be satisfied the voltage on
" Standard list "
at 85
°C
at 105
°C
at 85
°C
Voltage : Rated voltage for 5min
Shall be satisfied allowance range.
±20%
Measuring frequency : 120±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Less than 300% of initial limit
Less than 300% of initial limit
Voltage reduction when temperature exceeds
+85
°C
As per 4.9 JIS C 5101-1
As per 4.5.1 JIS C 5101-3
As per 4.7 JIS C 5101-1
As per 4.5.2 JIS C 5101-3
As per 4.8 JIS C 5101-1
As per 4.5.3 JIS C 5101-3
As per 4.10 JIS C 5101-1
As per 4.5.4 JIS C 5101-3
As per 4.14 JIS C 5101-1
As per 4.6 JIS C 5101-3
Dip in the solder bath
Solder temp
: 240
±5
°C
Duration
: 10
±0.5s
Repetition
: 1
After the specimens, leave it at room temperature
for over 24h and then measure the sample.
As per 4.16 JIS C 5101-1
As per 4.10 JIS C 5101-3
As per 4.22 JIS C 5101-1
As per 4.12 JIS C 5101-3
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Less than 300% of initial limit
After leaving the sample under such atmospheric
condition that the temperature and humidity are
40
±2°C and 90 to 95% RH, respectiveiy, for 500±12h
leave it at room
temperature for 24h and then measure the sample.
Within
+30/−20% of initial value
Within
±20% of initial value
Within
±20% of initial value
Less than 300% of initial limit
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Less than 1000% of initial limit
Repetition : 5 cycles
(1 cycle : steps 1 to 4) without discontinuation.
Less than 300% of initial limit
Temp.
Time
1
2
3
4
Room temp.
Room temp.
3min. or less
3min. or less
30
±3min.
30
±3min.
−55±3°C
105
±2°C


Similar Part No. - TCTOM1A156M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTOAL0E105M8R ROHM-TCTOAL0E105M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E106M8R ROHM-TCTOAL0E106M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E107M8R ROHM-TCTOAL0E107M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E156M8R ROHM-TCTOAL0E156M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E157M8R ROHM-TCTOAL0E157M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
More results

Similar Description - TCTOM1A156M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTO_P ROHM-TCTO_P Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_AL ROHM-TCTO_AL Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com