Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTAS1C475M8R Datasheet(PDF) 5 Page - Rohm

Part # TCTAS1C475M8R
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTAS1C475M8R Datasheet(HTML) 5 Page - Rohm

  TCTAS1C475M8R Datasheet HTML 1Page - Rohm TCTAS1C475M8R Datasheet HTML 2Page - Rohm TCTAS1C475M8R Datasheet HTML 3Page - Rohm TCTAS1C475M8R Datasheet HTML 4Page - Rohm TCTAS1C475M8R Datasheet HTML 5Page - Rohm TCTAS1C475M8R Datasheet HTML 6Page - Rohm TCTAS1C475M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCT Series AS Case
Data Sheet
5/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.E
Item
Performance
Test conditions (JIS C 5101
−1 and JIS C 5101− 3)
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Apply force
a circuit board
product
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre-treatment (accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.
Standard products list, TCT series
20
+−
( )
22
3.6
4.7
1.2
35
20
25
4.0
30
15
20
8.0
TCT AS 1E 475M
TCT AS 1C 226M
16
10
20
25
16
33
20
+−
20
+−
68
4.3
35
20
25
4.0
TCT AS 0J 686M
6.3
4
8
20
+−
33
3.3
30
15
20
4.0
TCT AS 1A 336M
10
6.3
13
20
+−
47
9.4
35
20
25
4.0
TCT AS 1A 476M
10
6.3
13
20
+−
15
2.4
30
15
20
4.0
TCT AS 1C 156M
16
10
20
20
+−
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
-55
°C
25
°C
85
°C
125
°C
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
(%)
Tangent of
loss angle
Leakage
current
25
°C
1WV.5min
(
µA)
120Hz
4
47
3.0
4.0
35
20
25
3.0
35
20
25
4.0
TCT AS 0G 107M
TCT AS 0J 476M
100
2.5
5.2
6.3
4
8
20
+−
20
+−
4
68
2.8
1.9
30
15
20
4.0
35
20
25
4.0
TCT AS 0G 476M
TCT AS 0G 686M
47
2.5
5.2
4
2.5
5.2
20
+−
20
+−
4
88
80
30
40
2.5
TCT AS 0G 227M
220
2.5
5.2
100kHz
Impedance
10
2.0
30
15
20
8.0
TCT AS 1D 106M
20
13
26
20
+−


Similar Part No. - TCTAS1C475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTAS1C476M8R ROHM-TCTAS1C476M8R Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results

Similar Description - TCTAS1C475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com