Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTCL1A156M8R Datasheet(PDF) 3 Page - Rohm

Part # TCTCL1A156M8R
Description  Chip tantalum capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTCL1A156M8R Datasheet(HTML) 3 Page - Rohm

  TCTCL1A156M8R Datasheet HTML 1Page - Rohm TCTCL1A156M8R Datasheet HTML 2Page - Rohm TCTCL1A156M8R Datasheet HTML 3Page - Rohm TCTCL1A156M8R Datasheet HTML 4Page - Rohm TCTCL1A156M8R Datasheet HTML 5Page - Rohm TCTCL1A156M8R Datasheet HTML 6Page - Rohm TCTCL1A156M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TCT Series P Case
Tantalum capacitors
Rev.D
3/6
Characteristics
Item
Performance
Test conditions (based on JIS C 5101
−1 and JIS C 5101−3)
Operating Temperature
−55
°C to +125°C
Maximum operating
temperature with no voltage
derating
+85
°C
Rated voltage (VDC)
20 25
16
10
6.3
4
Category voltage (VDC)
13 16
10
6.3
4
2.5
Surge voltage (VDC)
13
8
5.2
2.5
1.6
3.2
26
20
33
DC Leakage current
Shown in " Standard list "
Capacitance tolerance
Measuring frequency : 100±10kHz
Measuring voltage
: 0.5Vrms or less
Measuring circuit
: DC Equivalent series circuit
Tangent of loss angle
(Df, tan
δ)
Impedance
Resistance to
Soldering heat
Temperature
cycle
Moisture
resistance
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Shall be satisfied the voltage on
" Standard list "
Measuring frequency : 120±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Shall be satisfied the voltage on
" Standard list "
at 85
°C
at 125
°C
at 85
°C
Voltage : Rated voltage for 5min
Shall be satisfied allowance range.
±
20%
Measuring frequency : 120±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Less than initial limit
Less than 200% of initial limit
Voltage reduction when temperature exceeds
+85
°C
As per 4.9 JIS C 5101-1
As per 4.5.1 JIS C 5101-3
As per 4.7 JIS C 5101-1
As per 4.5.2 JIS C 5101-3
As per 4.8 JIS C 5101-1
As per 4.5.3 JIS C 5101-3
As per 4.10 JIS C 5101-1
As per 4.5.4 JIS C 5101-3
As per 4.14 JIS C 5101-1
As per 4.6 JIS C 5101-3
Dip in the solder bath
Solder temp
: 260±5
°C
Duration
: 5±0.5s
Repetition
: 1
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
As per 4.16 JIS C 5101-1
As per 4.10 JIS C 5101-3
As per 4.22 JIS C 5101-1
As per 4.12 JIS C 5101-3
Within
±20% of initial value
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60
±2°C and 90 to 95% RH, respectiveiy, for 500±12h
leave it at room
temperature for over 24h and then measure the
sample.
Within
±20% of initial value
Less than 200%
of initial limit
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Repetition : 5 cycles
(1 cycle : steps 1 to 4) without discontinuation.
Less than 200%of initial limit
Less than 200% of initial limit
Within
±20% of initial value
Temp.
Time
1
2
3
4
Room temp.
Room temp.
3min. or less
3min. or less
30
±3min.
30
±3min.
−55 3°C
+−
125 2
°C
+−
Less than 200% of initial limit
After the specimens, leave it at room temperature for
over 24h and then measure the sample.


Similar Part No. - TCTCL1A156M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTCL1A157M8R ROHM-TCTCL1A157M8R Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCTCL1A157MCR ROHM-TCTCL1A157MCR Datasheet
135Kb / 6P
   Chip tantalum capacitors
TCTCL1A157MCR ROHM-TCTCL1A157MCR Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCTCL1A157MCR ROHM-TCTCL1A157MCR Datasheet
178Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results

Similar Description - TCTCL1A156M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com