Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

181-001-127K Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 181-001-127K
Description  Size 16 Fiber Optic Socket Terminus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

181-001-127K Datasheet(HTML) 1 Page - Glenair, Inc.

  181-001-127K Datasheet HTML 1Page - Glenair, Inc. 181-001-127K Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
APPLICATION NOTES
1. Assembly packaged in plactic bag and tag identified with
manufacturer’s name and part number.
2. Material/ Finish:
Ferrule, Alignment Sleeve: Zirconia Ceramic/N.A.
or Stainless Steel/Passivate.
Terminus Assembly: Stainless Steel/Passivate
Spacer, Spring, and cover: Stainless Steel/Passivate
Shrink Tube: Kynar/N.A
3. Alignment Sleeve & Protective Cover can also be ordered
separately (Table II).
4. Metric dimensions (mm) are indicated in parentheses.
5. Threaded protective cover must be retained using Thread
locker “Loctite 222” prior to insertion and fully seated
against Terminus body as shown. See Assembly Proce-
dure on page B-8 for complete termination instruction.
6. See 182-001S for Socket Terminus Polishing Tool.
7. Recommended insertion/removal tool:
P/N: M81969/14-03 or equivalent
8. Consult factory for qualification status.
Product Series
Basic Number
Dash Number
(Table I)
K = Stainless
Steel Alignment Sleeve
(Omit for Ceramic Alignment Sleeve)
181-001-126 K
.346 (8.8)
.246 (6.7)
.113 (2.9)
.082 (2.1)
PROTECTIVE COVER ALIGNMENT SLEEVE
(Included with Terminus)
1.132 (28.8)
1.025 (26.0)
.537 (13.6)
Protective Cover
Alignment Sleeve
.080 (2.0) Max
Dia. Cable
.500 (12.7)
.069 (1.8) Dia
Shrink Tube
Bottoming Surface
See Note 5
A Dia
.062 (1.6) Dia
.116 (3.0)
.114 (2.9)
Dia
.110 (2.8)
.092 (2.3)
181-001
Size 16 Fiber Optic Socket Terminus
MIL-PRF-29504/5
o
o
.130 Max
o


Similar Part No. - 181-001-127K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
181-001 GLENAIR-181-001 Datasheet
265Kb / 1P
   Type Fiber Optic Socket Terminus
logo
Toshiba Semiconductor
181-001K TOSHIBA-181-001K Datasheet
852Kb / 26P
   PROJECTION TV
2004
More results

Similar Description - 181-001-127K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
181-075 GLENAIR-181-075 Datasheet
219Kb / 1P
   Size 16 Fiber Optic Socket Terminus
181-040-15 GLENAIR-181-040-15 Datasheet
153Kb / 1P
   Size 16 Fiber Optic Socket Terminus
181-053 GLENAIR-181-053 Datasheet
246Kb / 1P
   Size 16 Fiber Optic Jewel Socket Terminus
181-002-125 GLENAIR-181-002-125 Datasheet
200Kb / 2P
   Size 16 Fiber Optic Pin Terminus
181-057 GLENAIR-181-057 Datasheet
208Kb / 1P
   Size 16 Fiber Optic Pin Terminus
181-011-125 GLENAIR-181-011-125 Datasheet
236Kb / 2P
   Fiber Optic Socket Terminus
181-048-16 GLENAIR-181-048-16 Datasheet
218Kb / 1P
   Size 16 Fiber Optic Dummy Pin Terminus
181-052 GLENAIR-181-052 Datasheet
259Kb / 1P
   Size 16 Fiber Optic Jewel Pin Terminus
181-001 GLENAIR-181-001 Datasheet
265Kb / 1P
   Type Fiber Optic Socket Terminus
181-047-1250C GLENAIR-181-047-1250C_11 Datasheet
280Kb / 2P
   Fiber Optic Genderless Terminus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com