Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS108 Datasheet(PDF) 4 Page - Motorola, Inc

Part # BS108
Description  200 VOLTS N-CHANNEL TMOS POWER FET LOGIC LEVEL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BS108 Datasheet(HTML) 4 Page - Motorola, Inc

  BS108 Datasheet HTML 1Page - Motorola, Inc BS108 Datasheet HTML 2Page - Motorola, Inc BS108 Datasheet HTML 3Page - Motorola, Inc BS108 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BS108
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 81–3–3521–8315
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
BS108/D


Similar Part No. - BS108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
General Semiconductor
BS108 GE-BS108 Datasheet
227Kb / 5P
   DMOS Transistors (N-Channel)
logo
ON Semiconductor
BS108 ONSEMI-BS108 Datasheet
50Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
February, 2006 ??Rev. 2
BS108G ONSEMI-BS108G Datasheet
50Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
February, 2006 ??Rev. 2
BS108ZL1 ONSEMI-BS108ZL1 Datasheet
50Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
February, 2006 ??Rev. 2
More results

Similar Description - BS108

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTB50N06EL MOTOROLA-MTB50N06EL Datasheet
97Kb / 4P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 60 VOLTS
MTB75N03HDL MOTOROLA-MTB75N03HDL Datasheet
304Kb / 12P
   TMOS POWER FET LOGIC LEVEL 75 AMPERES 25 VOLTS
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MTB20N20E MOTOROLA-MTB20N20E Datasheet
258Kb / 10P
   TMOS POWER FET 20 AMPERES 200 VOLTS
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
MTD20N03HDL MOTOROLA-MTD20N03HDL Datasheet
250Kb / 12P
   TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTP50P03HDL MOTOROLA-MTP50P03HDL Datasheet
131Kb / 8P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS RDS(on) = 0.025 OHM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com