Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGP1A335M8R Datasheet(PDF) 6 Page - Rohm

Part # TCFGP1A335M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1A335M8R Datasheet(HTML) 6 Page - Rohm

Back Button TCFGP1A335M8R Datasheet HTML 2Page - Rohm TCFGP1A335M8R Datasheet HTML 3Page - Rohm TCFGP1A335M8R Datasheet HTML 4Page - Rohm TCFGP1A335M8R Datasheet HTML 5Page - Rohm TCFGP1A335M8R Datasheet HTML 6Page - Rohm TCFGP1A335M8R Datasheet HTML 7Page - Rohm TCFGP1A335M8R Datasheet HTML 8Page - Rohm TCFGP1A335M8R Datasheet HTML 9Page - Rohm TCFGP1A335M8R Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
6/13
Table 1 standard list, TCFG series P Case
Part No.
Rated
Voltage
@85
°C
(V)
Derated
Voltage
@125
°C
(V)
Surge
Voltage
@85
°C
(V)
Capacitance
120Hz
( F)
Impedance
100kHz
Tolerance
(%)
Leakage
current
25
C
1WV.60s
(mA)
DF120Hz
(%)
Case
code
6.3
5.2
15
0.6
22
0.9
30
10
10
10
10
10
20
25
6.3
6.3
6.3
6.3
5.2
1.5
0.5
30
4
5.2
6.8
0.5
10
0.5
0.6
0.9
0.5
30
TCFG P 0G 225
TCFG P 0G 335
TCFG P 0G 475
TCFG P 0G 685
TCFG P 0G 106
TCFG P 0G 156
TCFG P 0G 226
TCFG P 0J 155
TCFG P 0J 225
TCFG P 0J 335
TCFG P 0J 475
TCFG P 0J 685
TCFG P 0J 106
TCFG P 0J 156
TCFG P 1A 105
TCFG P 1A 155
TCFG P 1A 225
TCFG P 1A 335
TCFG P 1A 475
TCFG P 1C 105
TCFG P 1D 105
TCFG P 1E 105
4
4
4
4
4
4
4
2.5
5.2
3.3
2.5
2.5
2.5
2.5
2.5
2.5
5.2
2.2
0.5
0.5
30
15
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
6.3
6.3
6.3
6.3
6.3
6.3
4
4
4
4
4
5.2
17.5
4.0
14.4
9.3
11.8
8.3
17.5
7.7
14.4
4.0
11.8
8.3
9.3
7.7
16.1
17.5
11.8
4.0
6.0
16.1
16.1
16.5
4.7
15
6.8
10
1.0
1.0
1.0
3.3
2.2
4.7
1.5
1.0
3.3
2.2
4.7
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
30
16
5.2
30
30
30
30
30
30
30
10
13
16
26
33
8
8
8
8
8
8
6.3
4
8
13
13
13
13
13
20
15
30
30
30
30
15
15
15
15
(P : 2012)
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
±20,±10
−55
°C
20
20
20
20
10
20
20
20
20
20
20
20
20
10
10
10
10
20
20
20
20
10
25
°C
85
˚C
30
30
30
30
15
30
30
30
30
30
30
30
30
15
30
30
30
30
15
15
15
15
125
°C
(
Ω)
=Tolerance (M :
±20%, K : ±10%)
Packaging specifications
φ1.5 +0.1
t1
t2
Products
Pull out direction
4.0 0.1
B
4.0 0.1
2.0 0.05
A
Taping
− 0
P Case
+−
+−
+−
Case code
A
±0.1
B
±0.1
t1
±0.05
t2
±0.1
P (2012)
1.55
2.3
0.25
1.5


Similar Part No. - TCFGP1A335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1A335M8R ROHM-TCFGP1A335M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1A335M8R ROHM-TCFGP1A335M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1A335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com