Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11142MCL Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK11142MCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11142MCL Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK11142MCL Datasheet HTML 5Page - TOKO, Inc TK11142MCL Datasheet HTML 6Page - TOKO, Inc TK11142MCL Datasheet HTML 7Page - TOKO, Inc TK11142MCL Datasheet HTML 8Page - TOKO, Inc TK11142MCL Datasheet HTML 9Page - TOKO, Inc TK11142MCL Datasheet HTML 10Page - TOKO, Inc TK11142MCL Datasheet HTML 11Page - TOKO, Inc TK11142MCL Datasheet HTML 12Page - TOKO, Inc TK11142MCL Datasheet HTML 13Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
March 1999 TOKO, Inc.
Page 9
TK111xxM
DEFINITION AND EXPLANATION OF TECHNICAL TERMS
OUTPUT VOLTAGE (V
OUT)
The output voltage is specified with V
IN = (VOUT(TYP) + 1 V)
and I
OUT = 10 mA.
DROPOUT VOLTAGE (V
DROP)
The dropout voltage is the difference between the input
voltage and the output voltage at which point the regulator
starts to fall out of regulation. Below this value, the output
voltage will fall as the input voltage is reduced. It is
dependent upon the load current and the junction
temperature.
OUTPUT CURRENT (I
OUT(MAX))
The rated output current is specified under the condition
where the output voltage drops 0.3 V below the value
specified with I
OUT = 10 mA. The input voltage is set to
V
OUT +1 V, and the current is pulsed to minimize temperature
effect.
CONTINUOUS OUTPUT CURRENT (I
OUT)
Normal operating output current. This is limited by the
package power dissipation.
PULSE OUTPUT CURRENT (I
OUT (PULSE))
Max pulse width 5 ms, Duty cycle 12.5%: pulse load only.
LINE REGULATION (Line Reg)
Line regulation is the ability of the regulator to maintain a
constant output voltage as the input voltage changes. The
line regulation is specified as the input voltage is changed
from V
IN = VOUT(TYP) + 1 V to VIN = VOUT(TYP) + 6 V.
LOAD REGULATION (Load Reg)
Load regulation is the ability of the regulator to maintain a
constant output voltage as the load current changes. It is
a pulsed measurement to minimize temperature effects
with the input voltage set to V
IN = VOUT(TYP) +1 V. The load
regulation is specified under two output current step
conditions of 1 mA to 60 mA and 1 mA to 100 mA.
QUIESCENT CURRENT (I
Q)
The quiescent current is the current which flows through
the ground terminal under no load conditions (I
OUT = 0 mA).
GROUND CURRENT
Ground current is the current which flows through the
ground pin(s). It is defined as I
IN - IOUT, excluding control
current.
RIPPLE REJECTION RATIO (RR)
Ripple rejection is the ability of the regulator to attenuate
the ripple content of the input voltage at the output. It is
specified with 200 mVrms, 1 kHz superimposed on the
input voltage, where V
IN = VOUT + 2 V. The output decoupling
capacitor is set to 4.7
µF, the noise bypass capacitor is set
to 0.01
µF, 0.1 µF, 1.0 µF and the load current is set to
10 mA. Ripple rejection is the ratio of the ripple content of
the output vs. the input and is expressed in dB.
Example: 64 dB at C
N = 0.01 µF, 70 dB at
C
N = 0.1 µF, 74 dB at CN = 1.0 µF
SENSOR CIRCUITS
Overcurrent Sensor
The overcurrent sensor protects the device if the output is
shorted to ground.
Thermal Sensor
The thermal sensor protects the device if the junction
temperature exceeds the safe value (T
j = 150 °C). This
temperature rise can be caused by extreme heat, excessive
power dissipation caused by large output voltage drops, or
excessive output current. The regulator will shut off when
the temperature exceeds the safe value. As the junction
temperature decreases, the regulator will begin to operate
again. Under sustained fault conditions, the regulator
output will oscillate as the device turns off then resets.
Damage may occur to the device under extreme fault
conditions.
Reverse Voltage Protection
Reverse voltage protection prevents damage due to the
output voltage being higher than the input voltage. This
fault condition can occur when the output capacitor remains
charged and the input is reduced to zero, or when an


Similar Part No. - TK11142MCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11142S TOKO-TK11142S Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11142SCL TOKO-TK11142SCL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11142SIL TOKO-TK11142SIL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11142MCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com