Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITH06R20PZ Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITH06R20PZ
Description  Straight Plug Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH06R20PZ Datasheet(HTML) 1 Page - Glenair, Inc.

  ITH06R20PZ Datasheet HTML 1Page - Glenair, Inc. ITH06R20PZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
26
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
L1
D1
M
ITH 06 A (M)
Straight Plug Connector
with Metric Thread Cable Gland Backshell
ITH G 06 A 20-21 P Y M32x1.5 XXX
Application Notes:
1. Straight plug connector with metric thread cable gland backshell.
2. Environmental class A (non-environmental) not supplied with grommet.
3. Standard shell materials configuration consists of aluminum alloy with cadmium free conductive plating and
black passivation.
4. Standard contact material consists of copper alloy with gold plating.
5. A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is Low fire hazard plastic
UL94V0, IAW Article 3, NFF16-102, 356833.
7. Metric cable glands not included.
ITH = Plastic Insert and Standard
Contacts (See Notes #4, 6)
Grounding Fingers
(Omit for Standard)
06 = Straight Plug
Environmental Class
A = Non-Environmental
Mod Code Option (See Table II)
Metric Thread Size
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See page 6)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Page 7)


Similar Part No. - ITH06R20PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITH030A18PW GLENAIR-ITH030A18PW Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PX GLENAIR-ITH030A18PX Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PY GLENAIR-ITH030A18PY Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PZ GLENAIR-ITH030A18PZ Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18SW GLENAIR-ITH030A18SW Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
More results

Similar Description - ITH06R20PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITSG3106AFK GLENAIR-ITSG3106AFK Datasheet
1Mb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106SPFK GLENAIR-ITSG3106SPFK Datasheet
308Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A GLENAIR-ITS-3106-A Datasheet
225Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM GLENAIR-ITS-3106-A-PHM Datasheet
209Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PHM-EMI67 GLENAIR-ITS-3106-A-PHM-EMI67 Datasheet
177Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-SP GLENAIR-ITS-3106-SP Datasheet
255Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-N5 GLENAIR-ITS-3106-A-N5 Datasheet
124Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-ZLF GLENAIR-ITS-3106-A-ZLF Datasheet
280Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106GFK GLENAIR-ITSG3106GFK Datasheet
662Kb / 2P
   Straight Cylindrical Plug Assembly
ITSG3106F GLENAIR-ITSG3106F Datasheet
785Kb / 2P
   Straight Cylindrical Plug Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com