Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA0G336K8R Datasheet(PDF) 7 Page - Rohm

Part # TCA0G336K8R
Description  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA0G336K8R Datasheet(HTML) 7 Page - Rohm

Back Button TCA0G336K8R Datasheet HTML 3Page - Rohm TCA0G336K8R Datasheet HTML 4Page - Rohm TCA0G336K8R Datasheet HTML 5Page - Rohm TCA0G336K8R Datasheet HTML 6Page - Rohm TCA0G336K8R Datasheet HTML 7Page - Rohm TCA0G336K8R Datasheet HTML 8Page - Rohm TCA0G336K8R Datasheet HTML 9Page - Rohm TCA0G336K8R Datasheet HTML 10Page - Rohm TCA0G336K8R Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC Series A Case
Tantalum capacitors
Rev.D
7/11
Packaging specifications
Taping [A case]
Case code
A
A 0.1
+−
B 0.1
+−
t1 0.05
+−
t2 0.1
+−
1.9
3.5
0.25
1.9
Feeding direction
2.0
±0.05
4.0
±0.1
4.0
±0.1
A
B
Chip
φ1.5 +0.1
−0
t2
t1
Packaging style
2,000pcs
Case code
Packaging
Taping
A case
Packaging style
plastic taping
φ180mm Reel
Symbol
R
Basic ordering units
Reel [A case]
11.4 1.0
Label sticking position
EIAJ ET
−7200B compatible
Pull direction
+−


Similar Part No. - TCA0G336K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA0G336K ROHM-TCA0G336K Datasheet
152Kb / 14P
   Chip tantalum capacitors
More results

Similar Description - TCA0G336K8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com