Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK15411MTL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK15411MTL
Description  75 OHM VIDEO LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15411MTL Datasheet(HTML) 8 Page - TOKO, Inc

  TK15411MTL Datasheet HTML 1Page - TOKO, Inc TK15411MTL Datasheet HTML 2Page - TOKO, Inc TK15411MTL Datasheet HTML 3Page - TOKO, Inc TK15411MTL Datasheet HTML 4Page - TOKO, Inc TK15411MTL Datasheet HTML 5Page - TOKO, Inc TK15411MTL Datasheet HTML 6Page - TOKO, Inc TK15411MTL Datasheet HTML 7Page - TOKO, Inc TK15411MTL Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
January 2000 TOKO, Inc.
TK15411
0.8
0.8
3.3
0.4
2.2
0.3
Recommended Mount Pad
5
1
e
4
e
8
0.1
0.1
0.45
(3.4)
3.5
marking
Dimensions are shown in millimeters
Tolerance: x.x =
± 0.2 mm (unless otherwise specified)
+0.3
- 0.1
+ 0.3
+0.15
- 0.05
M
SOT23L-8
PACKAGE OUTLINE
TOKO AMERICA REGIONAL OFFICES
Toko America, Inc. Headquarters
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its
products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of
third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Western Regional Office
Toko America, Inc.
2480 North First Street , Suite 260
San Jose, CA 95131
Tel: (408) 432-8281
Fax: (408) 943-9790
Midwest Regional Office
Toko America, Inc.
1250 Feehanville Drive
Mount Prospect, IL 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Eastern Regional Office
Toko America, Inc.
107 Mill Plain Road
Danbury, CT 06811
Tel: (203) 748-6871
Fax: (203) 797-1223
Semiconductor Technical Support
Toko Design Center
4755 Forge Road
Colorado Springs, CO 80907
Tel: (719) 528-2200
Fax: (719) 528-2375
Marking Information
Marking
TK15411
411
Printed in the USA
© 2000 Toko, Inc.
All Rights Reserved
IC-xxx-TK15411
0100O0.0K


Similar Part No. - TK15411MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410M TOKO-TK15410M Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL TOKO-TK15410MTL Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL/410 TOKO-TK15410MTL/410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results

Similar Description - TK15411MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15404 TOKO-TK15404 Datasheet
55Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com