Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

140G203XMS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 140G203XMS
Description  12 Port Rectangular Junction Box
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

140G203XMS Datasheet(HTML) 1 Page - Glenair, Inc.

  140G203XMS Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-35
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
Series 140-203
12 Port Rectangular Junction Box
Cap
Quantity Per Part
Number Development
Ø .75 (19.1)
4 Places
6.00 (152.4)
Captive Screw
12 Places
1.125
2 Plcs.
2.75 (69.9)
2 Places
3.875
(98.4)
Ø .201 (5.1) Ref
Ø .125 (3.2) Ref TYP
Ø .125 (3.2) Mounting Hole,
4 Places (Accomodates #4 Bolt)
Ø .201 (5.1) Mounting Hole,
4 Places (Accomodates #4 Bolt)
1.690
(42.9)
.740
(18.8)
2.925
(74.3)
2.413
(61.3)
1.463
(37.2)
.925
(23.5)
Bushing, 8 Places
4.224 (107.3)
3.000 (76.2)
2.524 (64.1)
2.188
(55.6)
A
A
.710 (18.0)
4 Places
.71 (18.0)
8 Places
1.250
(31.8)
Ref
Ø .750 (19.0)
8 Places
1.420
1.12
(28.4)
2 Plcs.
2.37 (60.2)
2 Places
3.62 (91.9) 2 Places
4.87 (123.7) 2 Places
TABLE II: FINISHES
Symbol
Finish Description
XO
No Plating (Non-Conductive Finish)
XMS
Internal Surfaces - Electroless Nickel
External Surfaces - See Table I
XM
All Surfaces – Electroless Nickel
XW
All Surfaces – Cadmium Olive Drab over Electroless Nickel
XZN
All Surfaces – Zinc Nickel/Black
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
140
B 203 XO - 4
Basic Part
Number
Product Series
140 - Composite Boxes
Material Symbol
(See Table I)
Finish Symbol
(See Table II)
Number of Caps
(Omit for None)
NOTES
Box series numbers are for reference only. Please complete the worksheet on E-14
1.
and call the factory for part number assignment for your specific box configuration.
Metric dimensions (mm) are in parentheses and for reference only.
2.
TABLE I: MATERIAL COLOR & FINISH OPTIONS
Sym Material & Color
Finish Options
B
Thermoplastic / Black
XO and XMS
G
Thermoplastic / Grey
XO and XMS
Thermoplastic / NA
XM, XW and XZN


Similar Part No. - 140G203XMS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
140G200XM-0000 GLENAIR-140G200XM-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
140G200XMS-0000 GLENAIR-140G200XMS-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
140G200XMT-0000 GLENAIR-140G200XMT-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
140G200XW-0000 GLENAIR-140G200XW-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
More results

Similar Description - 140G203XMS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1414A HAMMOND-1414A Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
   MOST Junction Box
logo
Glenair, Inc.
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
   Large Junction Box
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
   Jumbo Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
   Medium Junction Box
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
   Small Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
   Large Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
   Composite Junction Box Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com