Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITH030R22PY Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITH030R22PY
Description  Rear Box Mount Receptacle with Accessory Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH030R22PY Datasheet(HTML) 2 Page - Glenair, Inc.

  ITH030R22PY Datasheet HTML 1Page - Glenair, Inc. ITH030R22PY Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
TABLE I: DIMENSIONS
ITH 030 A and ITH 030 R
Rear Box Mount Receptacle with Accessory Backshell
and a Selection of Cable Clamps
D1
D2
E
L1
L2
L3
L4
Shell Size
+0
FF
F thread
+0.4
-0.15
-0
18
30.8
M4
27.0
1.0000 - 20UNEF
89.0
23.05
4.0
35.0
20
34.2
M4
29.4
1.1875 - 18UNEF
89.0
23.05
4.0
38.0
22
37.4
M4
31.8
1.1875 - 18UNEF
89.0
23.05
4.0
41.0
24
40.9
M4
34.9
1.4375 - 18UNEF
89.0
23.05
4.0
44.5
28
46.7
M5
39.7
1.4375 - 18UNEF
93.0
24.05
4.0
50.8
32
53.4
M5
44.5
1.7500 - 18UNS
93.0
24.05
4.0
57.0
36
59.6
M5
49.2
2.0000 - 18UNS
105.0
24.05
4.0
63.5
40
65.5
M5
55.5
2.2500 - 16UN
105.0
24.05
4.0
69.9
±0.3
±0.1
±0.2
Max.
TABLE II: MODIFICATION CODES
ACCESSORY OPTIONS
N0
Connector less backshell
N1
Connector with IT 3057 A cable clamp
N5
Connector with IT 3057 C cable clamp
N12 Connector with IT 3057 A cable clamp
and IT 3420 neoprene sleeve
Omit for standard version
CONTACT OPTIONS
Sym Description
B0
Connector less contacts
Omit for standard version (Gold Plated
Copper Alloy Contacts Supplied)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F8
Olive Drab Zn-Co Plating
Omit for standard version
(Cad free / black passivation Finish)


Similar Part No. - ITH030R22PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITH03FFA18PW GLENAIR-ITH03FFA18PW Datasheet
171Kb / 2P
   Box Mount Receptacle Connector
ITH03FFA18PX GLENAIR-ITH03FFA18PX Datasheet
171Kb / 2P
   Box Mount Receptacle Connector
ITH03FFA18PY GLENAIR-ITH03FFA18PY Datasheet
171Kb / 2P
   Box Mount Receptacle Connector
ITH03FFA18PZ GLENAIR-ITH03FFA18PZ Datasheet
171Kb / 2P
   Box Mount Receptacle Connector
ITH03FFA18SW GLENAIR-ITH03FFA18SW Datasheet
171Kb / 2P
   Box Mount Receptacle Connector
More results

Similar Description - ITH030R22PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITHC030A18PW GLENAIR-ITHC030A18PW Datasheet
191Kb / 2P
   Rear Box Mount Receptacle
ITS3101AFK GLENAIR-ITS3101AFK Datasheet
1Mb / 2P
   In-Line Cylindrical Receptacle with Accessory Backshell
ITS-3101-A GLENAIR-ITS-3101-A Datasheet
244Kb / 2P
   In-Line Cylindrical Receptacle with Accessory Backshell
IPT07MSE18-11SZ GLENAIR-IPT07MSE18-11SZ Datasheet
222Kb / 2P
   Rear Panel Mount Jam Nut Receptacle with Backshell
IPT07E18-11SZC GLENAIR-IPT07E18-11SZC Datasheet
227Kb / 2P
   Rear Panel Mount Jam Nut Receptacle Connector with Backshell
IPT07SE18-11SZ GLENAIR-IPT07SE18-11SZ Datasheet
219Kb / 2P
   Rear Panel Mount Jam Nut Receptacle Connector with Backshell
ITHG06A18PW GLENAIR-ITHG06A18PW Datasheet
610Kb / 2P
   Sraight Plug with Accessory Backshell
IPT02SE18-11SZ GLENAIR-IPT02SE18-11SZ Datasheet
262Kb / 2P
   Rear Box Mount Square Flange Receptacle
IPT07Y18-11SZ GLENAIR-IPT07Y18-11SZ Datasheet
241Kb / 2P
   Rear Box Mount Jam Nut Receptacle
IPT02OO18-11P-S GLENAIR-IPT02OO18-11P-S Datasheet
216Kb / 2P
   Rear Box Mount Square Flange Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com