Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

140-101XO-0000 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 140-101XO-0000
Description  Small Junction Box
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

140-101XO-0000 Datasheet(HTML) 2 Page - Glenair, Inc.

  140-101XO-0000 Datasheet HTML 1Page - Glenair, Inc. 140-101XO-0000 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-21
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
Series 140-101
Small Junction Box
SIDE A
SIDE C
SIDE D
SIDE B
4.000 (101.6)
Environmental Seal
Mounting Hole (4 Places)
accommodate 1/4-20 or 6mm Bolt
6.500 (165.1)
EMI/RFI Tongue and Groove
3.25
(82.6)
5.18
(131.6)
Max
3.00 (76.2)
6.00 (152.4)
7.31 (185.7) Max
SIDES B & D
A
3.35 (85.1)
SIDES A & C
Mounting Boss
.25 (6.4)
A
Standard #6-32 UNC Screws and Inserts
Assembly Identified with
Manufacturer's Name and
Part Number on Cover
Mounting Plate (Optional)


Similar Part No. - 140-101XO-0000

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
140-1010 CAMBION-140-1010 Datasheet
30Kb / 1P
   Solder terminal, castellated, thru hole, slotted
140-1018 CAMBION-140-1018 Datasheet
27Kb / 1P
   Solder terminal, slotted
140-1019 CAMBION-140-1019 Datasheet
28Kb / 1P
   Solder terminal, slotted
More results

Similar Description - 140-101XO-0000

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
140G106XO-0000 GLENAIR-140G106XO-0000 Datasheet
356Kb / 2P
   Small Three-Legged Junction Box
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
   MOST Junction Box
logo
Glenair, Inc.
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
   Large Junction Box
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
   Jumbo Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
   Medium Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
   Large Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
   Composite Junction Box Adapter
logo
Amphenol Wilcoxon Sensi...
CB WILCOXON-CB Datasheet
351Kb / 1P
   Cable termination junction box
Rev.E.1 09/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com