Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100-041-08T5A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 100-041-08T5A
Description  Tapered Tubular Metal Braid Nickel/Copper, Silver/Copper or Tin/Copper for Series 72 & 74 Tubing and Series 75 Conduit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

100-041-08T5A Datasheet(HTML) 1 Page - Glenair, Inc.

  100-041-08T5A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
H-4
E-Mail: sales@glenair.com
www.glenair.com
TABLE I
100-041-06 N 5 A
Product Series
Dash No. (Table I or II)
Material
N = Nickel/Copper
S = Silver/Copper
T = Tin/Copper
A = 36 AWG (Omit for 34 AWG)
Length in 1 inch increments
Order Length
5.0 (127.0) Minimum
12.0 (304.8) Maximum
A
B
Dash no.'s 02-12 flared or
folded back in this area.
B
+ .10
(2.5)
- .00
(0.0)
.15
(3.8)
.30
(7.6)
.30
(7.6)
.30
(7.6)
.50
(12.7)
.50
(12.7)
.75
(19.1)
.75
(19.1)
1.00
(25.4)
.75
(19.1)
1.00
(25.4)
1.20
(30.5)
.50
(12.7)
.75
(19.1)
Dash
No.
01
02
03
04
05
06
07
08
09
10
11
12
13
14
A
+ .10
(2.5)
- .00
(0.0)
.30
(7.6)
.45
(11.4)
.60
(15.2)
.75
(19.1)
.75
(19.1)
1.05
(26.7)
1.05
(26.7)
1.20
(30.5)
1.20
(30.5)
1.50
(38.1)
1.50
(38.1)
1.50
(38.1)
.88
(22.4)
1.38
(35.1)
3.0
(76.2)
Min.
Consult with the factory for custom tapered braid configurations.
Metric dimensions (mm) are indicated in parentheses.
100-041
Tapered Tubular Metal Braid Nickel/Copper, Silver/Copper or
Tin/Copper for Series 72 & 74 Tubing and Series 75 Conduit


Similar Part No. - 100-041-08T5A

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
100-00002-02 MAXTENA-100-00002-02 Datasheet
411Kb / 1P
   L1 GPS GLONASS PASSIVE ANTENNA
100-00003-02 MAXTENA-100-00003-02 Datasheet
283Kb / 2P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
100-00004-02 MAXTENA-100-00004-02 Datasheet
265Kb / 1P
   RUGGED L1/L2 GPS GLONASS ACTIVE ANTENNA
Rev 1.2
100-000137-01 MAXTENA-100-000137-01 Datasheet
590Kb / 2P
   THURAYA RUGGED HIGH PERFORMANCE ANTENNA
logo
List of Unclassifed Man...
100-00023-01 ETC2-100-00023-01 Datasheet
224Kb / 2P
   TEST BOARD ACCELEROMETERS
More results

Similar Description - 100-041-08T5A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
100-003A031L GLENAIR-100-003A031L Datasheet
66Kb / 1P
   Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper for Series 72 & 74 Tubing and Series 75 Conduit
100-001A031L GLENAIR-100-001A031L Datasheet
62Kb / 1P
   Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper for Series 72 & 74 Tubing and Series 75 Conduit
102-071-008 GLENAIR-102-071-008 Datasheet
81Kb / 1P
   Kevlar Tubular Braid for Series 72 & 74 Tubing and Series 75 Conduit
102-061-008C GLENAIR-102-061-008C Datasheet
81Kb / 1P
   Teflon Tubular Braid for Series 72 & 74 Tubing and Series 75 Conduit
102-073-008 GLENAIR-102-073-008 Datasheet
81Kb / 1P
   Dacron Tubular Braid (Black) for Series 72 & 74 Tubing and Series 75 Conduit
100-003-A062L GLENAIR-100-003-A062L Datasheet
345Kb / 2P
   Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper
100-001-A062L GLENAIR-100-001-A062L Datasheet
345Kb / 2P
   Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
100-002A031L GLENAIR-100-002A031L Datasheet
77Kb / 1P
   BRAIO, SINGLE LAYER TUBULAR, SILVER/COPPER
107004B12 GLENAIR-107004B12 Datasheet
201Kb / 1P
   EMI/RFI Nickel Plated Copper Knit Braid
107-044 GLENAIR-107-044 Datasheet
201Kb / 1P
   EMI/RFI Nickel Plated Copper Knit Braid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com