Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP1C475K8R Datasheet(PDF) 6 Page - Rohm

Part # TCP1C475K8R
Description  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCP1C475K8R Datasheet(HTML) 6 Page - Rohm

Back Button TCP1C475K8R Datasheet HTML 2Page - Rohm TCP1C475K8R Datasheet HTML 3Page - Rohm TCP1C475K8R Datasheet HTML 4Page - Rohm TCP1C475K8R Datasheet HTML 5Page - Rohm TCP1C475K8R Datasheet HTML 6Page - Rohm TCP1C475K8R Datasheet HTML 7Page - Rohm TCP1C475K8R Datasheet HTML 8Page - Rohm TCP1C475K8R Datasheet HTML 9Page - Rohm TCP1C475K8R Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC Series P Case
Tantalum capacitors
Rev.D
6/11
Standard products list, TC series A case
10
0.5
15
0.6
22
1.5
0.9
0.5
0.5
2.2
4
4.7
0.5
0.5
0.5
6.8
0.5
TC P 0G 225
TC P 0G 475
TC P 0G 685
TC P 0G 106
TC P 0G 156
TC P 0G 226
TC P 0J 155
TC P 0J 225
2.2
TC P 0G 335
3.3
TC P 0J 335
3.3
TC P 0J 475
TC P 0J 685
2.5
5
42.5
5
42.5
5
42.5
5
42.5
5
42.5
5
42.5
5
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
10
6.3
13
4.7
6.8
0.5
10
TC P 0J 106
TC P 0J 156
15
TC P 1A 105
1.0
0.5
0.6
15
10
20
20
10
20
20
10
30
30
15
30
30
15
15
20
30
30
20
30
30
20
30
30
20
30
30
30
30
15
30
20
30
30
0.5
20
30
30
20
30
30
20
30
30
30
15
11.8
9.3
8.3
7.7
17.5
17.5
14.4
17.5
17.5
14.4
7.7
17.5
10
6.3
13
TC P 1A 155
1.5
0.5
20
30
30
16.1
10
6.3
13
TC P 1A 225
2.2
0.5
20
30
30
14.4
10
6.3
13
TC P 1A 335
3.3
0.5
20
30
30
11.8
10
6.3
13
TC P 1A 475
4.7
0.5
20
30
30
9.3
10
6.3
13
TC P 1A 685
6.8
0.7
20
30
30
9.3
10
6.3
13
TC P 1A 106
10
1.0
20
30
30
8.3
16
10
20
TC P 1C 105
1.0
0.5
10
15
15
16.1
20
13
26
TC P 1D 105
1.0
0.5
10
15
15
16.1
25
16
32
TC P 1E 105
1.0
0.6
20
30
30
9.3
11.8
9.3
8.3
0.5
0.9
6.3
4
8
TC P 0J 226
22
25
38
38
5.0
1.4
=Tolerance (M :
±20%, K : ±10%)
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
Df
120Hz
(%)
−55
°C
125
°C
25
°C
85
°C
Impedance
100kHz
(
Ω)
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10
±20, 10


Similar Part No. - TCP1C475K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCP1C105K ROHM-TCP1C105K Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCP1C105M ROHM-TCP1C105M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCP1C105M8R ROHM-TCP1C105M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors
TCP1C106K8R ROHM-TCP1C106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCP1C106M8R ROHM-TCP1C106M8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
More results

Similar Description - TCP1C475K8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com