Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100-001A562L Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 100-001A562L
Description  Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper for Series 72 & 74 Tubing and Series 75 Conduit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

100-001A562L Datasheet(HTML) 1 Page - Glenair, Inc.

  100-001A562L Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
H-2
E-Mail: sales@glenair.com
www.glenair.com
100-001 A 203 L
Product Series
A = 36 AWG (Table I)
B = 34 AWG (Table II)
Dash No. (Table I or II)
Lanyard (Omit for none)
No. of
Carriers
24
24
24
24
24
24
24
24
24
24
48
48
48
48
48
64
64
72
72
72
96
96
Dash
No.
031
062
078
109
125
156
171
188
203
250
375
500
562
625
781
937
1000
1250
1375
1500
2000
2500
Fractional
Equivalent
1/32
1/16
5/64
7/64
1/8
5/32
11/64
3/16
13/64
1/4
3/8
1/2
9/16
5/8
25/32
15/16
1
1 1/4
1 3/8
1 1/2
2
2 1/2
Nominal
I.D.
.031
(.8)
.062
(1.6)
.078
(2.0)
.109
(2.8)
.125
(3.2)
.156
(4.0)
.171
(4.3)
.188
(4.8)
.203
(5.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.781 (19.8)
.937 (23.8)
1.000 (25.4)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
1. Consult factory for sizes not shown
2. Metric dimensions (mm) are indicated in parentheses.
3. Direct current ratings are given for information only. Values shown are for uninsulated braid in free air at 86
°F
(30
°C). Actual values will depend on permissible temperature rise, voltage drop and other conditions of service.
Values should be de-rated if the braid is insulated or in close contact with other components.
No. of
Ends
24
48
72
96
120
240
168
192
312
384
384
528
624
720
864
640
768
792
864
936
1152
1248
Federal
Specification No.
QQB575R36T031
QQB575R36T062
QQB575R36T078
QQB575R36T109
QQB575R36T125
QQB575R36T156
QQB575R36T171
--
QQB575R36T203
QQB575R36T250
QQB575R36T375
QQB575R36T500
--
--
QQB575R36T781
--
--
TABLE I (36 AWG)
Lanyard
(Synthetic Fiber)
Minimum Order Length
is 100 Feet (30.5M)
I.D.
100-001
Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
for Series 72 & 74 Tubing and Series 75 Conduit
Current
Rating Amps
7.0
11.0
16.0
19.0
25.0
40.0
32.0
33.0
46.0
53.0
53.0
62.0
73.0
85.0
88.0
65.0
90.0
Lbs./100 Ft.
(Kg/30.5M)
.20
(.09)
.40
(.18)
.60
(.27)
.83
(.38)
1.03
(.47)
2.09
(.95)
1.43
(.65)
1.63
(.74)
2.80 (1.27)
3.45 (1.56)
3.95 (1.79)
4.77 (2.16)
5.00 (2.27)
5.94 (2.69)
7.35 (3.33)
5.83 (2.64)
7.50 (3.40)
No. of
Carriers
16
16
24
24
24
48
48
48
48
Dash
No.
062
109
125
171
203
375
437
500
781
Fractional
Equivalent
1/16
7/64
1/8
11/64
13/64
3/8
7/16
1/2
25/32
Nominal
I.D.
.062
(1.6)
.109
(2.8)
.125
(3.2)
.171
(4.3)
.203
(5.2)
.375
(9.5)
.437 (11.1)
.500 (12.7)
.781 (19.8)
No. of
Ends
32
64
72
120
192
240
288
336
528
Federal
Specification No.
QQB575R34T062
QQB575R34T109
QQB575R34T125
QQB575R34T171
QQB575R34T203
QQB575R34T375
--
QQB575R34T500
QQB575R34T781
TABLE II (34 AWG)
Current
Rating Amps
11.0
19.0
19.0
36.0
46.0
53.0
44.2
62.0
88.0
Lbs./100 Ft.
(Kg/30.5M)
.43
(.20)
.82
(.37)
.92
(.42)
1.56
(.71)
2.79 (1.27)
3.27 (1.48)
3.93 (1.78)
4.77 (2.16)
7.14 (3.24)


Similar Part No. - 100-001A562L

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
100-001 GLENAIR-100-001 Datasheet
185Kb / 1P
   Tubular Metal Braid QQ-B-575B ASTM B33
100-001-A062L GLENAIR-100-001-A062L Datasheet
345Kb / 2P
   Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
100-001-A109L GLENAIR-100-001-A109L Datasheet
345Kb / 2P
   Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
100-001-A125L GLENAIR-100-001-A125L Datasheet
345Kb / 2P
   Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
100-001-A171L GLENAIR-100-001-A171L Datasheet
345Kb / 2P
   Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
More results

Similar Description - 100-001A562L

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
100-001-A062L GLENAIR-100-001-A062L Datasheet
345Kb / 2P
   Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper
100-001 GLENAIR-100-001 Datasheet
185Kb / 1P
   Tubular Metal Braid QQ-B-575B ASTM B33
100_001 GLENAIR-100_001 Datasheet
185Kb / 1P
   Tubular Metal Braid QQ-B-575B ASTM B33
100-003A031L GLENAIR-100-003A031L Datasheet
66Kb / 1P
   Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper for Series 72 & 74 Tubing and Series 75 Conduit
102-071-008 GLENAIR-102-071-008 Datasheet
81Kb / 1P
   Kevlar Tubular Braid for Series 72 & 74 Tubing and Series 75 Conduit
102-061-008C GLENAIR-102-061-008C Datasheet
81Kb / 1P
   Teflon Tubular Braid for Series 72 & 74 Tubing and Series 75 Conduit
100-041-01N5A GLENAIR-100-041-01N5A Datasheet
19Kb / 1P
   Tapered Tubular Metal Braid Nickel/Copper, Silver/Copper or Tin/Copper for Series 72 & 74 Tubing and Series 75 Conduit
102-073-008 GLENAIR-102-073-008 Datasheet
81Kb / 1P
   Dacron Tubular Braid (Black) for Series 72 & 74 Tubing and Series 75 Conduit
100-003-A062L GLENAIR-100-003-A062L Datasheet
345Kb / 2P
   Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper
100-003 GLENAIR-100-003 Datasheet
184Kb / 1P
   Tubular Metal Braid ASTM B355 Class 4 OFHC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com